Electronic Components Datasheet Search
  English  ▼

X  

PST600F Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST600F
Description  System Reset Monolithic IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST600F Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST600F Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST600F Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST600F Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST600F Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST600F Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUMI
System Reset PST600
System Reset
Monolithic IC PST600
Outline
This IC operates in a variety of CPU systems and other logic systems by detecting power supply voltage, so
that the system can be reset accurately when power is turned on or when power is momentarily cut. PST572
and others perform the same function as does this series, but this IC is a low reset type system resetting IC
which follows load current so that circuit current flow increases for ON, and has low current consumption for
both ON and OFF.
Features
1. Follows load current so that circuit current flow increases for ON, and has low current consumption for
both ON and OFF.
No load : ICCL=7µA typ.; ICCH=5µA typ.
2. Low operating limit voltage
0.65V typ.
3. Hysteresis voltage provided in detection voltage
50mV typ.
4. The following 10 ranks of detection voltages are available.
PST600
C : 4.5V typ.
H : 3.1V typ.
D : 4.2V typ.
I : 2.9V typ.
E : 3.9V typ.
J : 2.7V typ.
F : 3.6V typ.
K : 2.5V typ.
G : 3.3V typ.
L : 2.3V typ.
Package
MMP-3A (PST600
M)
TO-92A (PST600
)
* contains detection voltage rank.
Applications
1. Microcomputers, CPU, MPU reset circuits
2. Logic circuit reset circuits
3. Battery voltage check circuits
4. Back-up power supply switching circuits
5. Level detection circuits
Equivalent Circuit


Similar Part No. - PST600F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PST60 WALL-PST60 Datasheet
112Kb / 3P
Switching Power Supply
More results

Similar Description - PST600F

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
System Reset Monolithic IC PST70XX Series
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
SYSTEM RESET Monolithic IC
PST591 MITSUMI-PST591 Datasheet
133Kb / 6P
System Reset Monolithic IC PST591~595 Series
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
System Reset Monolithic IC PST575
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
System Reset Monolithic IC PST611
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
IC for System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
IC for System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com