Electronic Components Datasheet Search
  English  ▼

X  

PST600F Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST600F
Description  System Reset Monolithic IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST600F Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST600F Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST600F Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST600F Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST600F Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST600F Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUMI
System Reset PST600
Measurement Circuit
[1]
[2]
Characteristics (PST600C is used as the representative model for characteristics examples.)
-40
-20
0
20
40
60
80
4.2
4.3
4.4
4.5
4.6
4.7
VS
(V)
Ta(°C)
VS
(mV)
Ta (°C)
-40
-20
0
20
40
60
80
20
30
40
50
60
70
80
VS vs. Ta
VS vs. Ta
VOL
(mV)
Ta (°C)
-40
-20
0
20
40
60
80
200
250
300
350
400
450
Ta=-25°C
Ta=25°C
Ta=75°C
8
7
6
5
4
3
2
1
0
0
12
3
4
5
6
7
8
Vout
(V)
VCC (V)
VCC vs. VOUT
VOL vs. Ta
VS
0V
4.9
4.1
* The input model is an example of PST600C (MMP-3P).
ICCH
(
µA)
Ta(°C)
-40
-20
0
20
40
60
80
3
4
5
6
7
8
ICCL
(
µA)
IOL (mA)
02
46
8
10
12
0
20
40
60
80
100
ICCL vs. IOLICCH vs. Ta



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com