Electronic Components Datasheet Search
  English  ▼

X  

QPI-6 Datasheet(PDF) 1 Page - Vicor Corporation

Part # QPI-6
Description  14 A Active EMI Filter SIP for 48 Vdc Bus
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-6 Datasheet(HTML) 1 Page - Vicor Corporation

  QPI-6 Datasheet HTML 1Page - Vicor Corporation QPI-6 Datasheet HTML 2Page - Vicor Corporation QPI-6 Datasheet HTML 3Page - Vicor Corporation QPI-6 Datasheet HTML 4Page - Vicor Corporation QPI-6 Datasheet HTML 5Page - Vicor Corporation QPI-6 Datasheet HTML 6Page - Vicor Corporation QPI-6 Datasheet HTML 7Page - Vicor Corporation QPI-6 Datasheet HTML 8Page - Vicor Corporation QPI-6 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image

Picor Corporation · picorpower.com
QPI-6
Rev 2.6, Page 1 of 13
QPI-6
QUIETPOWER
14 A Active EMI Filter SIP for 48 Vdc Bus
Description:
The QPI-6 active EMI filter attenuates conducted common-
mode (CM) and differential-mode (DM) noise over the
CISPR22 frequency range of 150 kHz to 30 MHz. The product
is designed for use on 48 Vdc bus (36 – 76 Vdc) systems, with
100 Vdc surge capability. The QPI-6’s 14 A rating supports
multiple DC-DC converter loads up to an ambient
temperature of 65°C without de-rating. Designed for the
telecom and ITE bus range, the QPI-6 supports the PICMG®
3.0 specification for filtering system boards to the EN55022
Class B limits.
In comparison to passive solutions, the use of active filtering
reduces the volume of the common-mode choke, providing a
low profile, surface mount device. Smaller size saves valuable
board real estate and the reduced height enhances airflow in
blade applications.
The QPI-6 is available as a
lidded or an open-frame SiP
(System-in-Package)
with
LGA mounting. Evaluation
boards are available to allow
for quick in-circuit testing of
the
QPI-6LZ
within
an
existing
system
design.
Features:
40 dB CM attenuation at 250 KHz (50Ω)
80 dB DM attenuation at 250 KHz (50Ω)
80 Vdc (max input)
100 Vdc surge 100 ms
1,500 Vdc hipot hold off to shield plane
14 A rating
25.3 x 25.3 x 5.0 mm Lidded SiP (System-in-Package)
24.9 x 24.9 x 4.4 mm Open-frame SiP
Low profile LGA package
-40° to +125°C Ambient temperature (see Figure 12)
Efficiency >99%
Connect in series for higher attenuation
TÜV Certified
Applications
ATCA blades
Telecom base stations
IBA & distributed power
Network switches and routers
Optical line-cards
TD-SCMA wireless infrastructure
Typical Application:
Figure 2 – Typical QPI-6 application schematic with a Vicor brick converter.
(1)
Note 1: CB1 capacitor, referenced in all schematics, is a 47uF electrolytic; United Chemi-Con EMVE101ARA470MKE0S or equivalent.
CY1 to CY4, referenced in all schematics, are 4.7nF hi-voltage safety capacitors; Vishay VY1472M63Y5UQ63V0 or equivalent.
CIN is the manufacturer’s recommended value for input capacitor.
Figure 1 - QPI-6LZ
(~1 in
2 area)


Similar Part No. - QPI-6

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-6-EVAL1 VICOR-QPI-6-EVAL1 Datasheet
126Kb / 2P
Evaluation Board for Active EMI Filters
QPI-6L VICOR-QPI-6L Datasheet
162Kb / 8P
14 Amp Active EMI Filter for 48V DC Bus
logo
Powerbox
QPI-6L POWERBOX-QPI-6L Datasheet
1Mb / 1P
ACTIVE EMI FILTER
QPI-6LZ POWERBOX-QPI-6LZ Datasheet
1Mb / 1P
ACTIVE EMI FILTER
More results

Similar Description - QPI-6

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-4L VICOR-QPI-4L Datasheet
143Kb / 8P
7 Amp Active EMI Filter for 48 V DC Bus
QPI-1L VICOR-QPI-1L Datasheet
238Kb / 8P
12 Amp Active EMI Filter for 48V DC Bus
QPI-2L VICOR-QPI-2L Datasheet
206Kb / 8P
12 Amp Active EMI Filter for 24V DC Bus
QPI-3L VICOR-QPI-3L Datasheet
128Kb / 8P
7 Amp Active EMI Filter for 24V DC Bus
QPI-5L VICOR-QPI-5L Datasheet
128Kb / 8P
14 Amp Active EMI Filter for 24V DC Bus
QPI-6L VICOR-QPI-6L Datasheet
162Kb / 8P
14 Amp Active EMI Filter for 48V DC Bus
QPI-8L VICOR-QPI-8L Datasheet
259Kb / 8P
AdvencedTCA Hot-Swap Sip With Active EMI Filter
logo
Powerbox
QPI-3L POWERBOX-QPI-3L Datasheet
1Mb / 1P
ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
14A Active EMI Filter SIP for 48 Vdc Bus
QPI-21 VICOR-QPI-21 Datasheet
2Mb / 15P
Active EMI Input Module for 48 Vdc Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com