Electronic Components Datasheet Search
  English  ▼

X  

QPI-6 Datasheet(PDF) 5 Page - Vicor Corporation

Part # QPI-6
Description  14 A Active EMI Filter SIP for 48 Vdc Bus
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-6 Datasheet(HTML) 5 Page - Vicor Corporation

  QPI-6 Datasheet HTML 1Page - Vicor Corporation QPI-6 Datasheet HTML 2Page - Vicor Corporation QPI-6 Datasheet HTML 3Page - Vicor Corporation QPI-6 Datasheet HTML 4Page - Vicor Corporation QPI-6 Datasheet HTML 5Page - Vicor Corporation QPI-6 Datasheet HTML 6Page - Vicor Corporation QPI-6 Datasheet HTML 7Page - Vicor Corporation QPI-6 Datasheet HTML 8Page - Vicor Corporation QPI-6 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image

Picor Corporation · picorpower.com
QPI-6
Rev 2.6, Page 5 of 13
QPI-6
QUIETPOWER
Attenuation Test Setups:
Figure 6 - Open-frame EMI test setup using the QPI-6-CB1 carrier board with 48V converter.
Figure 7 - Base-plate EMI test setup using the QPI-6-CB1 carrier board with 48V converter.
In Figures 6 and 7, C1 is the required 47uF capacitor (United
Chemi-Con EMVE101ARA470MKE0S or equivalent), C2 is a
converter input cap (value dependant on converter), and CY
caps are 4.7nF ceramic (Murata GRM31BR73A472KW01L or
equivalent).
Attenuation Plots: Converters in base-plate and open-frame configurations, tested as shown in Figure 7.
Figure 8 - V48B12C250BN using base-plate “Y” capacitors
with a 162W load.
Figure 9 – V48B3V3C150BN using base-plate “Y” capacitors
with a 141W load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com