Electronic Components Datasheet Search
  English  ▼

X  

SDM8401 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SDM8401
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDM8401 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  SDM8401 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
S DM8401
6
P-C hannel
F igure 1. Output C har acter istics
F igure 2. Tr ansfer C har acter istics
F igure 3. C apacitance
-V DS , Drain-to S ource Voltage (V )
-V GS , G ate-to-S ource Voltage (V )
-V DS , Drain-to-S ource Voltage (V )
0
5
10
15
20
25
30
C iss
C oss
C rss
1500
1250
1000
750
500
250
0
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
6V
5V
4V
3V
-V GS =10,9,8,7V
25 C
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
-55 C
T j=125 C
F igure 4. On-R esistance Var iation with
Temper ature
1.8
1.6
1.2
0.8
1.4
1.0
0.6
-50
0
50
100
150
V GS =-10V
T j, J unction T emperature ( C )
ID=-4.9A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com