Electronic Components Datasheet Search
  English  ▼

X  

SDM8401 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SDM8401
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDM8401 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  SDM8401 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
S DM8401
P-C hannel
7
5
-25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250μA
with T emper atur e
T j, J unction T emperature ( C )
1.09
1.06
1.03
1.00
0.97
0.94
0.91
-50 -25
0
25
50
75 100 125 150
V DS=V GS
ID=-250
uA
with T emper atur e
T j, J unction T emperature ( C )
F igur e 5. G ate T hr eshold V ar iation
F igur e 6. B r eakdown V oltage V ar iation
F igur e 7. T r ansconductance V ar iation
with Dr ain C ur r ent
-IDS , Drain-S ource C urrent (A)
F igur e 8. B ody Diode F or war d V oltage
V ar iation with Sour ce C ur r ent
-V S D, B ody Diode F orward V oltage (V )
12
9
6
15
0
0
5
10
15
20
3
V DS=-15V
20.0
10.0
1.0
0.4
0.6
0.8
1.0
1.2
1.4
V GS=0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com