Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 34Page - Cirrus Logic CS8415A Datasheet HTML 35Page - Cirrus Logic CS8415A Datasheet HTML 36Page - Cirrus Logic CS8415A Datasheet HTML 37Page - Cirrus Logic CS8415A Datasheet HTML 38Page - Cirrus Logic CS8415A Datasheet HTML 39Page - Cirrus Logic CS8415A Datasheet HTML 40Page - Cirrus Logic CS8415A Datasheet HTML 41Page - Cirrus Logic CS8415A Datasheet HTML 42Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
CS8415A
40
16. APPENDIX C: PLL FILTER
16.1
General
An on-chip Phase Locked Loop (PLL) is used to re-
cover the clock from the incoming data stream.
Figure 17 is a simplified diagram of the PLL in
these parts. When the PLL is locked to an AES3 in-
put stream, it is updated at each preamble in the
AES3 stream. This occurs at twice the sampling
frequency, FS. When the PLL is locked to ILRCK,
it is updated at FS so that the duty cycle of the input
doesn’t affect jitter.
There are some applications where low jitter in the
recovered clock, presented on the RMCK pin, is
important. For this reason, the PLL has been de-
signed to have good jitter attenuation characteris-
tics, as shown in Figure 19. In addition, the PLL
has been designed to only use the preambles of
the AES3 stream to provide lock update informa-
tion to the PLL. This results in the PLL being im-
mune to data dependent jitter affects because the
AES3 preambles do not vary with the data.
The PLL has the ability to lock onto a wide range of
input sample rates with no external component
changes. If the sample rate of the input subse-
quently changes, for example in a varispeed appli-
cation, the PLL will only track up to ±12.5% from
the nominal center sample rate. The nominal cen-
ter sample rate is the sample rate that the PLL first
locks onto upon application of an AES3 data
stream or after enabling the CS8415A clocks by
setting the RUN control bit. If the 12.5% sample
rate limit is exceeded, the PLL will return to its wide
lock range mode and re-acquire a new nominal
center sample rate.
Phase
Comparator
and Charge Pump
÷N
VCO
RMCK
INPUT
Crip
Cfilt
Rfilt
Figure 17. PLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com