Electronic Components Datasheet Search
  English  ▼

X  

CS8415A Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 34Page - Cirrus Logic CS8415A Datasheet HTML 35Page - Cirrus Logic CS8415A Datasheet HTML 36Page - Cirrus Logic CS8415A Datasheet HTML 37Page - Cirrus Logic CS8415A Datasheet HTML 38Page - Cirrus Logic CS8415A Datasheet HTML 39Page - Cirrus Logic CS8415A Datasheet HTML 40Page - Cirrus Logic CS8415A Datasheet HTML 41Page - Cirrus Logic CS8415A Datasheet HTML 42Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
CS8415A
42
16.2.4
Component Value Selection
The external PLL component values are listed in
Table 4.
16.2.5
Jitter Attenuation
Shown in Figure 19 is the jitter attenuation plot
when used with the 36-96kHz PLL component val-
ues.
The AES3 and IEC60958-4 specifications
state a maximum of 2dB jitter gain or peaking.
Fs Range RFILT (kΩ)CFILT (µF) CRIP (nF) PLL Lock Time (ms)
8 - 96
0.909
1.8
33
56
32 - 96
3.0
0.047
2.2
60
Table 4. External PLL Component Values
Figure 19. Jitter Attenuation Characteristics of PLL with Fs=32 to 96 kHz Filter Components
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com