Electronic Components Datasheet Search
  English  ▼

X  

CS61535A Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 LINE INTERFACE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 27Page - Cirrus Logic CS61535A Datasheet HTML 28Page - Cirrus Logic CS61535A Datasheet HTML 29Page - Cirrus Logic CS61535A Datasheet HTML 30Page - Cirrus Logic CS61535A Datasheet HTML 31Page - Cirrus Logic CS61535A Datasheet HTML 32Page - Cirrus Logic CS61535A Datasheet HTML 33Page - Cirrus Logic CS61535A Datasheet HTML 34Page - Cirrus Logic CS61535A Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Semiconductor be used for T1 applications, and
that the CXT8192 be used for E1 applications.
Interfacing The CS61535A With the CS62180B
T1 Transceiver
To interface with the CS62180B, connect the de-
vices as shown in Figure A4. In this case, the
CS61535A and CS62180B are in Host Mode con-
trolled by a microprocessor serial interface. If the
CS61535A is used in Hardware Mode, then the
CS61535A RCLK output must be inverted before
being input to the CS62180B. If the CS61535A is
used in Extended Hardware Mode, the CS61535A
RCLK output does not need to be inverted before
being input to the CS62180B.
CS61534 Compatibility
The CS61535A is pin compatible with the
CS61534. The CS61535A has greater jitter toler-
ance for both transmitter and receiver, and it
provides more jitter attenuation starting at jitter
frequencies of 6 Hz. The greater jitter tolerance
and attenuation in the transmit path makes the
CS61535A more suitable for CCITT demultiplex-
ing applications where eight bits can be dropped
from the clock/data stream at once. Similarly,
these parts can be used in SONET applications
with the addition of some external circuitry.
The main differences of the CS61535A relative
to the CS61534 is:
1) On the CS61535A, selection of LEN 2/1/0 =
0/0/0 changes the voltage at which the receiver
accepts an input as a pulse (slicing level) from
65% to 50% of the peak pulse amplitude. Lower-
ing the data slicing level will improve receiver
sensitivity at long cable lengths when the data is
jittered. A 50% slicing level will also improve
crosstalk sensitivity for channels where received
pulses do not have undershoot.
2) There are differences in the functionality of the
ACLKI (ACLK) input on the CS61534 and
CS61535A. ACKLI (ACLK) is used as the trans-
mit clock in the transmit all ones (TAOS) mode.
On the CS61535A, ACLKI is used as a calibra-
tion reference for the receiver clock recovery
circuit and therefore may not be supplied by
RCLK. On the CS61534, ACLK may be supplied
by RCLK . If an external clock is not provide on
the ACLKI input of the CS61535A, the crystal
oscillator is used to calibrate the receiver clock
recovery circuit.
3) On the CS61535A, the Host Mode status regis-
ter bits 5, 6 and 7 are encoded so that state
changes on LOS and DPM may be reported.
4) RCLK on the CS61534 has a 50% duty cycle,
while RCLK on the CS61535A has a duty cycle
which is typically 30% or 70%. Also, the
CS61535A RCLK duty cycle and instantaneous
frequency vary with received jitter and may ex-
hibit 1/13 UIpp quantization jitter even when the
incoming signal is jitter free.
5) The CS61535A requires 25 ns of setup time on
TPOS and TNEG before the falling edge of
TCLK and 25 ns of hold time on these inputs af-
ACLKI
TCLK
RGND
RCLK
RV+
+5V
0V
0.1uF
RPOS
RNEG
TPOS
TNEG
CS62180B
MODE
V+
CLKE
SCLK
SDO
SDI
TCLK
TPOS
TNEG
RNEG
RPOS
RCLK
SCLK
SDO
SDI
TO HOST CONTROLLER
V+
100k
100k
1.544 MHz
CLOCK
CS61535A
CS
V+
22k
SIGNAL
68uF
+
CS
INT
Figure A4. Interfacing the CS61535A with the
CS62180B (Host Mode)
CS61535A
DS40F2
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com