Electronic Components Datasheet Search
  English  ▼

X  

CAT5259 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT5259
Description  Quad Digital Potentiometer (POT)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT5259_13 Datasheet HTML 3Page - ON Semiconductor CAT5259_13 Datasheet HTML 4Page - ON Semiconductor CAT5259_13 Datasheet HTML 5Page - ON Semiconductor CAT5259_13 Datasheet HTML 6Page - ON Semiconductor CAT5259_13 Datasheet HTML 7Page - ON Semiconductor CAT5259_13 Datasheet HTML 8Page - ON Semiconductor CAT5259_13 Datasheet HTML 9Page - ON Semiconductor CAT5259_13 Datasheet HTML 10Page - ON Semiconductor CAT5259_13 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT5259
http://onsemi.com
7
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledging
device pulls down the SDA line during the ninth clock cycle,
signaling that it received the 8 bits of data.
The CAT5259 responds with an acknowledge after
receiving a START condition and its slave address. If the
device has been selected along with a write operation, it
responds with an acknowledge after receiving each 8-bit
byte.
When the CAT5259 is in a READ mode it transmits 8 bits
of data, releases the SDA line, and monitors the line for an
acknowledge. Once it receives this acknowledge, the
CAT5259 will continue to transmit data. If no acknowledge
is sent by the Master, the device terminates data transmission
and waits for a STOP condition.
WRITE OPERATIONS
In the Write mode, the Master device sends the START
condition and the slave address information to the Slave
device. After the Slave generates an acknowledge, the
Master sends the instruction byte that defines the requested
operation of CAT5259. The instruction byte consist of a
four-bit opcode followed by two register selection bits and
two pot selection bits. After receiving another acknowledge
from the Slave, the Master device transmits the data to be
written into the selected register. The CAT5259
acknowledges once more and the Master generates the
STOP condition, at which time if a non-volatile data register
is being selected, the device begins an internal programming
cycle to non-volatile memory. While this internal cycle is in
progress, the device will not respond to any request from the
Master device.
Acknowledge Polling
The disabling of the inputs can be used to take advantage
of the typical write cycle time. Once the stop condition is
issued to indicate the end of the host’s write operation, the
CAT5259 initiates the internal write cycle. ACK polling can
be initiated immediately. This involves issuing the start
condition followed by the slave address. If the CAT5259 is
still busy with the write operation, no ACK will be returned.
If the CAT5259 has completed the write operation, an ACK
will be returned and the host can then proceed with the next
instruction operation.
Write Protection
The Write Protection feature allows the user to protect
against inadvertent programming of the non-volatile data
registers. If the WP pin is tied to LOW, the data registers are
protected and become read only. Similarly, the WP pin is
going low after start will interrupt non-volatile write to data
registers, while WP pin going low after an internal write
cycle has started will have no effect on any write operation.
The CAT5259 will accept both slave addresses and
instructions, but the data registers are protected from
programming by the device’s failure to send an
acknowledge after data is received.
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
Figure 3. Write Cycle Timing
Figure 4. Start/Stop Condition
START CONDITION
SDA
STOP CONDITION
SCL
tWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com