Electronic Components Datasheet Search
  English  ▼

X  

CAT5259 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT5259
Description  Quad Digital Potentiometer (POT)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5259 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT5259_13 Datasheet HTML 6Page - ON Semiconductor CAT5259_13 Datasheet HTML 7Page - ON Semiconductor CAT5259_13 Datasheet HTML 8Page - ON Semiconductor CAT5259_13 Datasheet HTML 9Page - ON Semiconductor CAT5259_13 Datasheet HTML 10Page - ON Semiconductor CAT5259_13 Datasheet HTML 11Page - ON Semiconductor CAT5259_13 Datasheet HTML 12Page - ON Semiconductor CAT5259_13 Datasheet HTML 13Page - ON Semiconductor CAT5259_13 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CAT5259
http://onsemi.com
10
The basic sequence of the three byte instructions is
illustrated in Figure 11. These three-byte instructions
exchange data between the WCR and one of the Data
Registers. The WCR controls the position of the wiper. The
response of the wiper to this action will be delayed by tWR.
A transfer from the WCR (current wiper position), to a Data
Register is a write to non-volatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the four potentiometers and one of its
associated registers; or the transfer can occur between all
potentiometers and one associated register.
Four instructions require a two-byte sequence to
complete, as illustrated in Figure 10. These instructions
transfer data between the host/processor and the CAT5259;
either between the host and one of the data registers or
directly between the host and the Wiper Control Register.
These instructions are:
XFR Data Register to Wiper Control Register
This transfers the contents of one specified Data
Register to the associated Wiper Control Register.
XFR Wiper Control Register to Data Register
This transfers the contents of the specified Wiper
Control Register to the specified associated Data
Register.
Gang XFR Data Register to Wiper Control Register
This transfers the contents of all specified Data
Registers to the associated Wiper Control Registers.
Gang XFR Wiper Counter Register to Data Register
This transfers the contents of all Wiper Control
Registers to the specified associated Data Registers.
Increment/Decrement Command
The final command is Increment/Decrement (Figures 12
and 13). The Increment/Decrement command is different
from the other commands. Once the command is issued and
the CAT5259 has responded with an acknowledge, the
master can clock the selected wiper up and/or down in one
segment steps; thereby providing a fine tuning capability to
the host. For each SCL clock pulse (tHIGH) while SDA is
HIGH, the selected wiper will move one resistor segment
towards the RH terminal. Similarly, for each SCL clock
pulse while SDA is LOW, the selected wiper will move one
resistor segment towards the RL terminal.
See Instructions format for more detail.
Figure 10. Two-byte Instruction Sequence
S
T
A
R
T
01
0
1
A2
A0 A
C
K
I2 I1 I0 R1 R0 P1
A
C
K
SDA
S
T
O
P
ID3 ID2 ID1 ID0
P0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
A1
A3
I3
Figure 11. Three-byte Instruction Sequence
I3
I2 I1 I0 R1 R0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
WCR[7:0]
or
Data Register D[7:0]
S
T
A
R
T
01
0
1
A2 A1 A0 A
C
K
P1 P0 A
C
K
SDA
S
T
O
P
A
C
K
D7 D6 D5 D4 D3 D2 D1 D0
A3
Figure 12. Increment/Decrement Instruction Sequence
I3
I2 I1 I0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
S
T
A
R
T
0101
A2 A1 A0
A
C
K
R0 P1 P0 A
C
K
SDA
S
T
O
P
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
R1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com