Electronic Components Datasheet Search
  English  ▼

X  

TPPM0302 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0302
Description  400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0302 Datasheet(HTML) 4 Page - Texas Instruments

  TPPM0302 Datasheet HTML 1Page - Texas Instruments TPPM0302 Datasheet HTML 2Page - Texas Instruments TPPM0302 Datasheet HTML 3Page - Texas Instruments TPPM0302 Datasheet HTML 4Page - Texas Instruments TPPM0302 Datasheet HTML 5Page - Texas Instruments TPPM0302 Datasheet HTML 6Page - Texas Instruments TPPM0302 Datasheet HTML 7Page - Texas Instruments TPPM0302 Datasheet HTML 8Page - Texas Instruments TPPM0302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TPPM0302
400-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT AND POK
SLVS316 – NOVEMBER 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 0°C to
70
°C, CL = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(5VCC)/
V(5VAUX)
5-V inputs
4.5
5
5.5
V
I(Q)
Quiescent supply current
From 5VCC or 5VAUX terminals, IL = 0 mA to 400 mA
2.5
5
mA
I(Q)
Quiescent supply current
From 3.3VAUX terminal, IL = 0 A
250
500
µA
IL
Output load current
0.4
A
I(LIMIT)
Output current limit
3.3VOUT = 0 V
1
1.5
A
T(TSD)†
Thermal shutdown
3 3VOUT output shorted to 0 V
150
180
°C
Thys†
Thermal hysteresis
3.3VOUT output shorted to 0 V
15
°C
V(3.3VOUT)
3.3-V output
IL = 400 mA
3.135
3.3
3.465
V
CL
Load capacitance
Minimal ESR to insure stability of regulated output
4.7
µF
Ilkg(REV)
Reverse leakage output
current
Tested for input that is grounded.
3.3VAUX, 5VAUX, or 5VCC = GND, 3.3VOUT = 3.3 V
50
µA
† Design targets only. Not tested in production.
5-V detect
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(TO_LO)
Threshold voltage, low
5VAUX or 5VCC
↓
3.85
4.05
4.25
V
V(TO_HI)
Threshold voltage, high
5VAUX or 5VCC
↑
4.1
4.3
4.5
V
auxiliary switch
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R(SWITCH)
Auxiliary switch resistance
5VAUX = 5VCC = 0 V, 3.3VAUX = 3.3 V, IL = 150 mA
0.4
Ω
∆VO(∆VI)
Line regulation voltage
5VAUX or 5VCC = 4.5 V to 5.5 V
2
mV
∆VO(∆IO)
Load regulation voltage
20 mA < IL < 400 mA
40
mV
VI – VO
Dropout voltage
IL < 400 mA
1
V
Power OK (POK)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(TO_POK)
POK threshold voltage
2.67
2.8
2.93
V
VOL
Output low voltage
3.3VOUT = 0
→ 3.3 V and starts POK delay timer
0.4
V
IOH
Output high current
200
µA
VOH
Output high voltage
5K pullup to 3.3VOUT
3.3
V
timing characteristics, TA = 0°C to 70°C, CL = 4.7 µF (unless otherwise noted)†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Power OK delay
5VCC or 5VAUX or 3.3VAUX > VTO and POK ↑
5
10
ms
† Design targets only. Not tested in production.
thermal characteristics‡
PARAMETER
MIN
TYP
MAX
UNIT
R
θJC Thermal impedance, junction-to-case
4.7
°C/W
R
θJA
Thermal impedance, junction-to-ambient
59
°C/W
‡ Based on Texas Instrument recommended board for PowerPAD package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com