Electronic Components Datasheet Search
  English  ▼

X  

TPPM0302 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0302
Description  400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0302 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPPM0302 Datasheet HTML 4Page - Texas Instruments TPPM0302 Datasheet HTML 5Page - Texas Instruments TPPM0302 Datasheet HTML 6Page - Texas Instruments TPPM0302 Datasheet HTML 7Page - Texas Instruments TPPM0302 Datasheet HTML 8Page - Texas Instruments TPPM0302 Datasheet HTML 9Page - Texas Instruments TPPM0302 Datasheet HTML 10Page - Texas Instruments TPPM0302 Datasheet HTML 11Page - Texas Instruments TPPM0302 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TPPM0302
400-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT AND POK
SLVS316 – NOVEMBER 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
In a multilayer board application, the thermal vias are the primary method of heat transfer from the package
thermal pad to the internal ground plane. The efficiency of this method depends on several factors (die area,
number of thermal vias, thickness of copper) Consult the
PowerPAD Thermally Enhanced Package Technical
Brief.
single-layer PCB
Package Outline
Use as Much Copper Area
as Possible for Heat Spread
Package Thermal Pad
Figure 15. Land Configuration for Single-layer PCB
Layout recommendations for a single-layer PCB utilize as much copper area as possible for power
management.
In a single layer board application, the thermal pad is attached to a heat spreader (copper area) by using low
thermal impedance attachment method (solder paste or thermal conductive epoxy).
In both of the methods mentioned above, it is advisable to use as many copper traces as possible to dissipate
the heat.
IMPORTANT
If the attachment method is NOT implemented correctly, the
functionality of the product is not efficient. Power dissipation
capability will be adversely affected if the device is incorrectly
mounted onto the circuit board.
8
TPPM0302
1
5VAUX
NC
7
2
5VCC
GND
0.1
µF
0.1
µF
4.7
µF
6
3
3.3VOUT
NC
4.7
µF
5
4
3.3VAUX
POK
0.1
µF
4.7
µF
4.7
µF
3.3VOUT
5 k
Ω
Figure 16. Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com