Electronic Components Datasheet Search
  English  ▼

X  

LM2574 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2574
Description  SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2574 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2574 Datasheet HTML 6Page - National Semiconductor (TI) LM2574 Datasheet HTML 7Page - National Semiconductor (TI) LM2574 Datasheet HTML 8Page - National Semiconductor (TI) LM2574 Datasheet HTML 9Page - National Semiconductor (TI) LM2574 Datasheet HTML 10Page - National Semiconductor (TI) LM2574 Datasheet HTML 11Page - National Semiconductor (TI) LM2574 Datasheet HTML 12Page - National Semiconductor (TI) LM2574 Datasheet HTML 13Page - National Semiconductor (TI) LM2574 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Test Circuit and Layout Guidelines
As in any switching regulator, layout is very important. Rap-
idly switching currents associated with wiring inductance
generate voltage transients which can cause problems. For
minimal inductance and ground loops, the length of the leads
indicated by heavy lines should be kept as short as pos-
sible. Single-point grounding (as indicated) or ground plane
construction should be used for best results. When using the
Adjustable version, physically locate the programming resis-
tors near the regulator, to keep the sensitive feedback wiring
short.
Fixed Output Voltage Versions
DS011394-11
CIN — 22 µF, 75V
Aluminum Electrolytic
COUT — 220 µF, 25V
Aluminum Electrolytic
D1 — Schottky, 11DQ06
L1 — 330 µH, 52627
(for 5V in, 3.3V out, use
100 µH, RL-1284-100)
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Adjustable Output Voltage Version
DS011394-12
FIGURE 2.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com