Electronic Components Datasheet Search
  English  ▼

X  

LM2574 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2574
Description  SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2574 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2574 Datasheet HTML 10Page - National Semiconductor (TI) LM2574 Datasheet HTML 11Page - National Semiconductor (TI) LM2574 Datasheet HTML 12Page - National Semiconductor (TI) LM2574 Datasheet HTML 13Page - National Semiconductor (TI) LM2574 Datasheet HTML 14Page - National Semiconductor (TI) LM2574 Datasheet HTML 15Page - National Semiconductor (TI) LM2574 Datasheet HTML 16Page - National Semiconductor (TI) LM2574 Datasheet HTML 17Page - National Semiconductor (TI) LM2574 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LM2574 Series Buck Regulator Design Procedure (Continued)
PROCEDURE (Adjustable Output Voltage Versions)
EXAMPLE (Adjustable Output Voltage Versions)
Given:
V
OUT = Regulated Output Voltage
V
IN(Max) = Maximum Input Voltage
I
LOAD(Max) = Maximum Load Current
F = Switching Frequency
(Fixed at 52 kHz)
Given:
V
OUT = 24V
V
IN(Max) = 40V
I
LOAD(Max) = 0.4A
F = 52 kHz
1. Programming Output Voltage
(Selecting R1 and R2, as
shown in Figure 2)
Use the following formula to select the appropriate resistor
values.
R
1 can be between 1k and 5k. (For best temperature coeffi-
cient and stability with time, use 1% metal film resistors)
1. Programming Output Voltage
(Selecting R1 and R2)
R
2 = 1k (19.51−1) = 18.51k, closest 1% value is 18.7k
2. Inductor Selection (L1)
A. Calculate the inductor Volt
• microsecond constant,
E
• T(V • µs), from the following formula:
B. Use the E
• T value from the previous formula and match
it with the E
• T number on the vertical axis of the Inductor
Value Selection Guide shown in
Figure 8.
C. On the horizontal axis, select the maximum load current.
D. Identify the inductance region intersected by the E
• T
value and the maximum load current value, and note the in-
ductor value for that region.
E. Select an appropriate inductor from the table shown in
Fig-
ure 3. Part numbers are listed for three inductor manufactur-
ers. The inductor chosen must be rated for operation at the
LM2574 switching frequency (52 kHz) and for a current rating
of 1.5 x I
LOAD. For additional inductor information, see the in-
ductor section in the application hints section of this data
sheet.
2. Inductor Selection (L1)
A. Calculate E
• T(V • µs)
B. E
• T = 185 V • µs
C. I
LOAD(Max) = 0.4A
D. Inductance Region = 1000
E. Inductor Value = 1000 µH
Choose from Pulse Engineer-
ing Part #PE-52631, or Renco Part #RL-1283-1000.
DS011394-16
FIGURE 8. LM2574HV-ADJ Inductor Selection Guide
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com