Electronic Components Datasheet Search
  English  ▼

X  

BH1721FVC Datasheet(PDF) 3 Page - Rohm

Part # BH1721FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1721FVC Datasheet(HTML) 3 Page - Rohm

  BH1721FVC Datasheet HTML 1Page - Rohm BH1721FVC Datasheet HTML 2Page - Rohm BH1721FVC Datasheet HTML 3Page - Rohm BH1721FVC Datasheet HTML 4Page - Rohm BH1721FVC Datasheet HTML 5Page - Rohm BH1721FVC Datasheet HTML 6Page - Rohm BH1721FVC Datasheet HTML 7Page - Rohm BH1721FVC Datasheet HTML 8Page - Rohm BH1721FVC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
BH1721FVC
Technical Note
3/15
www.rohm.com
2011.11 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
Ta [ ℃ ]
0
0.2
0.4
0.6
0.8
1
1.2
1.5
2
2.5
3
3.5
DVI [ V ]
0
0.2
0.4
0.6
0.8
1
1.2
2
2.5
3
3.5
4
VCC [ V ]
0
8
16
24
32
40
48
56
64
0
8
16
24
32
40
48
56
64
Illuminance [ lx ]
0
50
100
150
200
2
2.5
3
3.5
4
VCC [ V ]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
400
500
600
700
800
900
1000
1100
Wavelength [ nm ]
0
0.2
0.4
0.6
0.8
1
1.2
-90
-60
-30
0
30
60
90
Angle [ deg ]
0
0.2
0.4
0.6
0.8
1
1.2
-90
-60
-30
0
30
60
90
Angle [ deg ]
1
10
100
1000
10000
100000
1
10
100
1000
10000 100000
Illuminance [ lx ]
0
0.5
1
1.5
2
Fluorescent Light
Incandescent
Light
Halogen Light
Kripton Light
Artifical Sun
Light
White LED
Ratio
0
0.2
0.4
0.6
0.8
1
1.2
-40
-20
0
20
406080
100
Ta [ ℃ ]
0.01
0.1
1
10
-40
-20
0
20
406080
100
Ta [ ℃ ]
●
Reference Data
Fig.8 Light Source Dependency
(Fluorescent Light is set to ‘1’)
Fig.4 Directional Characteristics 1
Fig.5 Directional Characteristics 2
Fig.6 Dark Response
H-Res.
Fig.7 Measurement Result
Temperature Dependency
Fig.2 Illuminance -
Measurement Result 1
Fig.3 Illuminance -
Measuremnet Result 2
Fig.9 VCC – ICC
(During measurement)
Fig.10 VCC – ICC@0 lx
(POWER DOWN)
Fig.1 Spectral Response
Fig.11 Measurement Result
VCC Dependency
Fig.12 Measurement Result
DVI Dependency
DVI=1.8V
VCC=3V
1pin
+
+
-
+
-
1pin
-
+
+
-
H-Res.
L-Res.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com