Electronic Components Datasheet Search
  English  ▼

X  

BH1721FVC Datasheet(PDF) 9 Page - Rohm

Part # BH1721FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1721FVC Datasheet(HTML) 9 Page - Rohm

Back Button BH1721FVC Datasheet HTML 5Page - Rohm BH1721FVC Datasheet HTML 6Page - Rohm BH1721FVC Datasheet HTML 7Page - Rohm BH1721FVC Datasheet HTML 8Page - Rohm BH1721FVC Datasheet HTML 9Page - Rohm BH1721FVC Datasheet HTML 10Page - Rohm BH1721FVC Datasheet HTML 11Page - Rohm BH1721FVC Datasheet HTML 12Page - Rohm BH1721FVC Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
BH1721FVC
Technical Note
9/15
www.rohm.com
2011.11 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
ex 4) LPF using CR is inserted between VCC and DVI.
This method has the possibility that the Reset section of turning on the power supply can not satisfied. Cannot be
satisfied. Please design the set considering the characteristic of the power supply enough.
◆
Notes when CR is inserted between VCC and DVI
※
Please note that there is a possibility that reset section ( 1µs ) can not be satisfied because the power supply is turned on when the rise time of VCC is slow
※
When VCC is turned off, the DVI voltage becomes higher than VCC voltage but IC destruction is not occred if recommended constant
( R1 = 1kΩ, C1 = 1µF ) is used.
※
Please note that there is a possibility that Reset section (1µsec) cannot be satisfied if wait time is not enough long after turning off VCC.
(It is necessary to consider DVI voltage level after turning off VCC.)
◆
Example of designing set when CR ( C = 1µF, R = 1kΩ ) is inserted between VCC and DVI with VCC=2.8V
①
The rise time to 0→2.4V of VCC must use the power supply of 100µs or less.
②
Please wait 25ms or more after VCC turn off ( VCC <= 0.05V ), because it is necessary to secure reset section
(1µs or more).
R1 : 1kΩ
C1 : 1µF
BH1721FVC
0.1µF
VCC SCL
SDA
DVI
GND
0.1µF
* Please do the application design to secure Reset section 1µs or more after the reclosing of the power supply.
Reset Section: 1µs or more
Rise time of power supply: 100µs or less
0.05V
Time to power supply reclosing: 25ms or more
0V
VCC
DVI
2.4V
0.4V
2.8V
0V
* Please do the application design to secure Reset section 1µs or more after the reclosing of the power supply.
Reset Section: 1µs or more
t1
VCC
DVI
2.4V
0.4V
0V
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com