Electronic Components Datasheet Search
  English  ▼

X  

RE12 Datasheet(PDF) 1 Page - Copal Electronics

Part # RE12
Description  OPTICAL ENCODERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RE12 Datasheet(HTML) 1 Page - Copal Electronics

  RE12 Datasheet HTML 1Page - Copal Electronics RE12 Datasheet HTML 2Page - Copal Electronics RE12 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RE12
OPTICAL ENCODERS
■ FEATURES
O
φ12 mm, High resolution up to 300 P/R
O Cost effective
O Two bearing types to choose from;
Sleeve bearing or ball bearing
O Low torque, low inertia
O RoHS compliant
■ PART NUMBER DESIGNATION
RE12 A – 100 – 100 – 1
Series name
Output connection
1:Cable wire
Output phase “A”, Input voltage : 5 V, No AMP
Resolution (P/R)
100, 200, 300
Bearing
A:Ball bearing
C:Sleeve bearing
Bearing
Resolution
Part number
■ LIST OF PART NUMBERS
Ball Bearing
100 P/R
200 P/R
300 P/R
100 P/R
200 P/R
300 P/R
Sleeve Bearing
RE12A-100-100-1
RE12A-200-100-1
RE12A-300-100-1
RE12C-100-100-1
RE12C-200-100-1
RE12C-300-100-1
※ Verify the above part numbers when placing orders.
RoHS compliant


Similar Part No. - RE12

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RE120001 OKAYA-RE120001 Datasheet
306Kb / 1P
SPARK QUENCHER
RE12001 OKAYA-RE12001 Datasheet
78Kb / 1P
SPARK QUENCHER
RE12001 OKAYA-RE12001_14 Datasheet
78Kb / 1P
SPARK QUENCHER
RE120033 OKAYA-RE120033 Datasheet
306Kb / 1P
SPARK QUENCHER
RE120033 OKAYA-RE120033 Datasheet
78Kb / 1P
SPARK QUENCHER
More results

Similar Description - RE12

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-64 HP-HEDL-64 Datasheet
464Kb / 8P
Optical Incremental Housed Encoders
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
Reflective Optical Surface Mount Encoders
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
Panel Mount Optical Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
Optical Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
OPTICAL ENCODERS
REC COPAL-REC Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
Panel Mount Optical Encoders
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
Miniature Panel Mount Optical Encoders
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com