Electronic Components Datasheet Search
  English  ▼

X  

RE12 Datasheet(PDF) 3 Page - Copal Electronics

Part # RE12
Description  OPTICAL ENCODERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RE12 Datasheet(HTML) 3 Page - Copal Electronics

  RE12 Datasheet HTML 1Page - Copal Electronics RE12 Datasheet HTML 2Page - Copal Electronics RE12 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RE12
OPTICAL ENCODERS
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.4 (Unit : mm)
■ INTERNAL CIRCUIT
■ MEASUREMENT CIRCUIT
8.5
±0.2
6
4.8 2.4
12
2 – M2 D = 3.0 min.
AWG28
Anode
(Green)
Colletor
(Red)
Cathode
(Black)
Emitter
(White)
+5 V
+
–
+2.5 V
AMP
0 V
CP1
CP2
3 k
Ω
33 k
Ω
10 k
Ω
33 k
Ω
0.033
μF
0.1
μF
180
Ω
Frequency characteristics : 3 kHz (at constant speed)
Fig. A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com