Electronic Components Datasheet Search
  English  ▼

X  

RE12D Datasheet(PDF) 1 Page - Copal Electronics

Part # RE12D
Description  OPTICAL ENCODERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RE12D Datasheet(HTML) 1 Page - Copal Electronics

  RE12D Datasheet HTML 1Page - Copal Electronics RE12D Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RE12D
OPTICAL ENCODERS
■ FEATURES
O
φ12 mm, 2 phases square wave
O High resolution 100 to 300 P/R
O Low torque, low inertia
O Cost effective
O RoHS compliant
■ PART NUMBER DESIGNATION
R E 1 2 D – 1 0 0 – 2 0 1 – 1
Series name
Output connection
1:Cable wire
Input voltage
1:5 V
Z相 Output phase “Z”
0:Non
Output phase
2:“A” & “B”
Resolution (P/R)
100, 200, 300
※ Verify the above part numbers when placing orders.
■ MECHANICAL CHARACTERISTICS
■ LIST OF PART NUMBERS
■ ELECTRICAL CHARACTERISTICS
■ Environmental characteristics
Resolution
Item
Part number
100 (P/R)
200 (P/R)
300 (P/R)
RE12D-100-201-1
RE12D-200-201-1
RE12D-300-201-1
Starting torque
Inertia
Shaft loading
(When mounting)
Radial
Axial
Net weight
Input voltage
Input current
Output wave form
Output phases
Resolution (P/R)
Phase difference of A & B outputs
Maximum frequencies response
Output signal
“1 (High)”
“0 (Low)”
Output impedance
Light source
DC5 V
± 5 %
50 mA maximum
Square ware
A, B
100, 200, 300
90°
± 45°
10 kHz
+ 4.5 V minimum
+ 0.5 V maximum
1 k
Ω
LED
0.05 mN·m {0.5 gf·cm} maximum
0.01 g·cm
2
1.96 N {200 gf} maximum
1.96 N {200 gf} maximum
10 g
Operating temp. range
Storage temp. range
Protection grade
0 ~ 50 °C
− 20 ~ 80 °C
IP40
RoHS compliant


Similar Part No. - RE12D

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RE12 COPAL-RE12 Datasheet
68Kb / 3P
OPTICAL ENCODERS
logo
Okaya Electric America,...
RE120001 OKAYA-RE120001 Datasheet
306Kb / 1P
SPARK QUENCHER
RE12001 OKAYA-RE12001 Datasheet
78Kb / 1P
SPARK QUENCHER
RE12001 OKAYA-RE12001_14 Datasheet
78Kb / 1P
SPARK QUENCHER
RE120033 OKAYA-RE120033 Datasheet
306Kb / 1P
SPARK QUENCHER
More results

Similar Description - RE12D

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-64 HP-HEDL-64 Datasheet
464Kb / 8P
Optical Incremental Housed Encoders
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
Reflective Optical Surface Mount Encoders
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
Panel Mount Optical Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
Optical Encoders
logo
Copal Electronics
RE12 COPAL-RE12 Datasheet
68Kb / 3P
OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
OPTICAL ENCODERS
REC COPAL-REC Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
Panel Mount Optical Encoders
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
Miniature Panel Mount Optical Encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com