Electronic Components Datasheet Search
  English  ▼

X  

RE12D Datasheet(PDF) 2 Page - Copal Electronics

Part # RE12D
Description  OPTICAL ENCODERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RE12D Datasheet(HTML) 2 Page - Copal Electronics

  RE12D Datasheet HTML 1Page - Copal Electronics RE12D Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■ OUTPUT
■ OUTPUT CIRCUIT
■ ELECTRICAL WIRING
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.4 (Unit : mm)
Output “A”
Output “B”
a
bc
d
CW
CCW
a, b, c, d = 1/4T
±1/8T
T
Vcc
1 k
Ω
Output
A/B
0 V
Red
Black
White
Green
Power
B
Power 0 (V)
Output “A”
Output “B”
8.5±
0.2
8.5±
0.5
15.5
2 – M2 D = 3.0 min.
AWG28
(24)
RE12D
OPTICAL ENCODERS
Vibration
Power OFF
Power OFF
Power OFF
Power ON
Power OFF
Power ON
Power OFF
Power OFF
Shock
High temperature
exposure
Low temperature
exposure
Humidity
Thermal shock
Test item
■ RELIABILITY TEST
Test conditions
Amplitude : 1.52 mm or 98.1 m/s
2 (10 G) whichever is smaller.
10 ~ 500 Hz excursion 5 min/cycle, 1 hour each for X, Y, Z, directions.
1 time each in 6 directions (X, Y, Z) at 490 m/s
2 (50 G), 11 ms.
80 °C 96 h
(To be measured after leaving samples for 1 h at normal temperature and
humidity after the test.)
50 °C 96 h
− 20 °C 96 h
0 °C 96 h
40 °C Relative humidity 90 ∼ 95 % 96 h
(To be measured after wiping out moisture and leaving samples for 1 h at normal temperature and humidity after the test.)
To be done 5 cycles with the following condition
(To be measured after leaving samples for 1 h at normal temperature and humidity after the test.)
70 °C 0.5 h、
− 20 °C 0.5 h



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com