Electronic Components Datasheet Search
  English  ▼

X  

RE20F Datasheet(PDF) 1 Page - Copal Electronics

Part # RE20F
Description  OPTICAL ENCODERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RE20F Datasheet(HTML) 1 Page - Copal Electronics

  RE20F Datasheet HTML 1Page - Copal Electronics RE20F Datasheet HTML 2Page - Copal Electronics RE20F Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RE20F
OPTICAL ENCODERS
■ FEATURES
O Compact, dia.: 20 mm
O Low torque, low inertia
O RoHS compliant
■ PART NUMBER DESIGNATION
RE20F - 100 - 100
Series name
Output phase
1:“A” only
2:“A” & “B” (100 P/R only)
Resolution (P/R)
100, 300
Resolution
Item
Output phases
Part number
■ LIST OF PART NUMBERS
100 (P/R)
300 (P/R)
100 (P/R)
RE20F-100-100
RE20F-300-100
RE20F-100-200
“A” only
“A” & “B”
※ Verify the above part numbers when placing orders.
Starting torque
Inertia
Shaft loading
(When mounting)
Radial
Axial
Net weight
Operating temp. range
Storage temp. range
Protection grade
Item
Output phases
Photo-sensor maximum current
Output wave form
Output phases
(P/R)
Resolution
Phase difference of outputs A & B
Maximum frequency response
Output signal
Output signal amplitude variation
Light source
■ STANDARD SPECIFICATIONS
45 mA maximum (at 25 °C)
“A” only
“A” & “B”
Quasi-sinusoidal
A
A, B
100, 300
100
———
90°
± 45°
———
12 kHz
150 mVp-p minimum
1 Vp-p minimum
40 % maximum
LED
O Electrical characteristics
O Mechanical characteristics
0.05 mN·m {0.5 gf·cm} maximum
0.2 g·cm
2 maximum
1.96 N {200 gf} maximum
4.9 N {500 gf} maximum
Approx. 15 g
O Environmental characteristics
0 ~ 50 °C
− 20 ~ 80 °C
IP40
※1
※2
※1 Measured at CP1 in the fig.A of ‘MEASUREMENT CIRCUIT’ on the following page.
※2 One phase only : Measured at CP2 in the fig.A of ‘MEASUREMENT CIRCUIT’ on the following page.
RoHS compliant


Similar Part No. - RE20F

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RE20 SCHNEIDER-RE20 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
SUNMATE electronic Co.,...
RE2000A SUNMATE-RE2000A Datasheet
210Kb / 1P
SURFACE MOUNT HIGH VLTAGE RECTIFEER DIODES
logo
Silvan Chip Electronics...
RE200B SILVAN-RE200B Datasheet
35Kb / 2P
RE200B sensor
logo
Apex Electronics Co., L...
RE20H APEX-ELECTRONICS-RE20H Datasheet
651Kb / 1P
20mm Rotary Encoder, Graycode, 16 or 24 detents
RE20H-16H APEX-ELECTRONICS-RE20H-16H Datasheet
651Kb / 1P
20mm Rotary Encoder, Graycode, 16 or 24 detents
More results

Similar Description - RE20F

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-64 HP-HEDL-64 Datasheet
464Kb / 8P
Optical Incremental Housed Encoders
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
Reflective Optical Surface Mount Encoders
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
Panel Mount Optical Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
Optical Encoders
logo
Copal Electronics
RE12 COPAL-RE12 Datasheet
68Kb / 3P
OPTICAL ENCODERS
RE12D COPAL-RE12D Datasheet
63Kb / 2P
OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
OPTICAL ENCODERS
REC COPAL-REC Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
Panel Mount Optical Encoders
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
Miniature Panel Mount Optical Encoders
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com