Electronic Components Datasheet Search
  English  ▼

X  

RE20F Datasheet(PDF) 3 Page - Copal Electronics

Part # RE20F
Description  OPTICAL ENCODERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RE20F Datasheet(HTML) 3 Page - Copal Electronics

  RE20F Datasheet HTML 1Page - Copal Electronics RE20F Datasheet HTML 2Page - Copal Electronics RE20F Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED anode (Elect.wire: Green)
Phot-tr. collector (Elect.wire: Red)
Phot-tr. emitter (Elect.wire: White)
LED cathode (Elect.wire: Black)
LED anode (Elect.wire: Green)
Phot-tr. collector (Elect.wire: Red)
Phot-tr. emitter (Elect.wire: White)
Phot-tr. emitter (Elect.wire: Brown)
LED cathode (Elect.wire: Black)
(Green)
(Red)
(White)
(Brown)
(Black)
82
Ω
+5 V
Output “A”
Output “B”
0 V
2 k
Ω max.
2 k
Ω max.
+5 V
120
Ω
CP1
3 k
Ω
0.003
μF
4.7 k
Ω
1/2 Vcc
0.1
μF
10 k
Ω
CP2
220 k
Ω
Amp.
+5 V
Output “A”
Output “B”
0 V
Comp.
R
2 k
Ω
(Green)
(Red)
B (Brown)
(Black)
A (White)
82
Ω
1.8 k
Ω
560
Ω
2 k
Ω
−
+
Circuit identical to output “A”
■ RATINGS
O LED
O Photo-sensor
Maximum current
45 mA
4 V
75 mW
−1.4 mW/°C
Reverse voltage
Power dissipation (PD)
Temp. derating of PD (25 ~ 60 °C)
Collector current
20 mA
20 V
5 V
75 mW
−1.0 mW/°C
Collector to emitter voltage (forward)
Collector to emitter voltage (reverse)
Collector dissipation (PD)
Temp. derating of PD (25 ~ 60 °C)
(at 25 °C)
(at 25 °C)
■ INTERNAL CIRCUIT
■ MEASUREMENT CIRCUIT
O SKDVH‡35
O SKDVH‡35
O SKDVHV35
O SKDVHV35
Frequency characteristics: 3 kHz (at constant speed)
RE20F
OPTICAL ENCODERS
■ EXTERNAL SCHEMATICS
O SKDVH35
Fig. A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com