Electronic Components Datasheet Search
  English  ▼

X  

ABF10U Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ABF10U
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ABF10U Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ABF10U Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ABF10U Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ABF10U Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ABF10U Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ABF10U Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green Products
Data Sheet N1827, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
ABF2U
THRU
ABF10U
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified
Single Phase half wave 60Hz, resistive or inductive load. For capacitive load current derate by 20%.
Characteristic
Symbol
ABF2U
ABF4U
ABF6U
ABF8U
ABF10U
Units
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
560
700
Maximum DC blocking voltage
VDC
200
400
600
800
1000
Average Rectified Output Current @TC = 100°C
IF(AV)
1.0
V
Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
35
A
Rating for fusing (t<8.3ms)
I
2t
5.08
A
2s
Forward voltage per element @ IF = 0.5A
@ IF = 1.0A
VF
0.95
1.0
V
Maximum DC reverse current
TA = 25°C
at rated DC blocking voltage
TA = 125°C
IR
5
200
µA
Typical thermal resistance per leg (Note 1)
RθJL
RθJA
62.5
25
°C/W
Operating and storage temperature range
TJ,TSTG
-55 to +150
°C
Note: 1. Thermal resistance form junction to ambient and junction to lead mounted on P.C.B. with 0.2X0.2''(5X5mm) copper
pads.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com