Electronic Components Datasheet Search
  English  ▼

X  

ABF10U Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ABF10U
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ABF10U Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ABF10U Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ABF10U Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ABF10U Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ABF10U Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ABF10U Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1827, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
ABF2U
THRU
ABF10U
ABF2U THRU ABF10U
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features:
•
Glass passivated die construction
•
Low forward voltage drop
•
High current capability
•
High surge current capability
•
Designed for surface mount application
•
Plastic material-UL flammability 94V-0
Mechanical Data:
•
Case: SOPA-4, Molded plastic ABF
•
Terminals: Plated leads solderable per MIL-STD-202, Method 208
•
Polarity: Polarity symbols marked on case
•
Mounting Position: Any
Mechanical Dimensions: In Inches/mm
ABF


Similar Part No. - ABF10U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
ABF10U DYELEC-ABF10U Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - ABF10U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MB1SU DYELEC-MB1SU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05MA DYELEC-MB05MA Datasheet
2Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF2U DYELEC-ABF2U Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101S DYELEC-UDB101S Datasheet
708Kb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB101S DYELEC-EDB101S Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101_17 Datasheet
3Mb / 3P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101S DYELEC-UDB101S_17 Datasheet
2Mb / 3P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com