Electronic Components Datasheet Search
  English  ▼

X  

PST23 Datasheet(PDF) 8 Page - Power System Technology

Part # PST23
Description  Standard product
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST23 Datasheet(HTML) 8 Page - Power System Technology

  PST23 Datasheet HTML 1Page - Power System Technology PST23 Datasheet HTML 2Page - Power System Technology PST23 Datasheet HTML 3Page - Power System Technology PST23 Datasheet HTML 4Page - Power System Technology PST23 Datasheet HTML 5Page - Power System Technology PST23 Datasheet HTML 6Page - Power System Technology PST23 Datasheet HTML 7Page - Power System Technology PST23 Datasheet HTML 8Page - Power System Technology PST23 Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Installations Instructions
PST23 Rev. 04
Page 8 of 9
www.powersystemtechnology.com
These converters are components, intended exclusively for integration into
other equipment by an industrial assembly process or by a professionnaly
competent person. Installation must strictly follow the safety regulations
in respect of the enclosure, mounting, creepage and clearance distances,
markings of the end-use application.
Connection to the system shall be made via the female connector FAST ON.
The +Vin is internally fused. This fuse is designed to protect the converter
against overcurrent caused by a failure, but may not be able to satisfy all
requirements. External fuses in the wiring circuit to one or both input pins may
be necessary to ensure compliance with local requirements.
Do not open the converters, or the warranty will be invalidated. Make sure that
there is sufficient heat dissipation available for conduction cooling. This should
be verified by measuring the case of temperature at the specified measuring
point, when the converter is operated in the end-use application.
Cleaning Agents and Process
The converters are not hermetically sealed. In order to avoid possible damage,
any penetration of liquids shall be avoided.
Railway Application
The converters have been designed observing the railway standards EN 50155
and EN 50121. All boards can be protected by a conformal coating as an option
( -V).
Isolation
The electric strength test is performed in the factory in accordance with IEC/EN
60950.
Standards and Approvals
The converters are built to meet the safety standards IEC 60950-1, EN 60950-1,
UL 60950-1 and CSA 60950-1.
Electric Strength
Design strength
1500
3000
500
Vrms
> 100
>100
Mohms
Insulation resistance
Characteristic
Output to
Output
Unit
Electric
strength
Factory test for production
units (>10s)
2000
2000
500
Vdc
Input to Earth
Input to
Output
Output to
Earth
Temperatures
ĀȀ̀ЀԀ̀؀Ԁ܀
ࠀ܀ऀ਀Ȁ଀ऀЀ
ఀЀ଀Ȁ
ഀऀЀԀ଀Ȁ଀ऀЀ฀
ༀ଀Ѐက
ࠀᄀ਀က
ༀ̀ሀက
ༀ଀Ѐက
ࠀᄀ਀က
ༀ̀ሀက
ĀȀ̀ЀԀ؀܀
ࠀऀ਀଀Ԁ܀Ѐ؀ఀഀ
฀ༀက
ᄀሀጀ
฀᐀က
ᄀሀጀ
ᔀᘀ
ᜀԀ᠀਀ऀᤀԀ܀਀
฀ༀက
ᄀጀကက
฀᐀က
ᄀጀကက
ᨀ܀ᬀ଀Ԁఀ਀
ᰀᬀ܀ഀᬀऀ਀଀Ԁ܀Ѐ؀ఀ
฀᐀က
ᄀጀༀᴀ
฀᐀က
ᄀጀༀᴀ
Reliability
ĀȀ̀ЀԀ؀܀ࠀЀऀ਀଀ఀഀ฀ༀကᄀሀጀ᐀฀ऀ
Āကᔀ᐀ᘀ
܀ᜀ᠀᐀ᤀᘀᜀᄀ᐀฀ᨀ᐀ᬀᤀᰀ
ᴀ܀฀
ᴀఀ
ĀȀ̀ЀԀ؀Ԁ܀ࠀऀ਀଀ఀ
ഀ฀Ȁༀကᄀᄀሀ
ጀሀ᐀ᔀ
ᄀᘀᄀጀሀሀሀ
ᜀ᠀ᘀሀሀሀ
ᘀሀ᐀ᔀ
ᄀሀሀᤀሀሀሀ
᠀ሀጀሀሀሀ
ᄀሀሀ᐀ᔀ
ᨀကጀሀሀሀ
ကᄀᘀሀሀሀ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com