Electronic Components Datasheet Search
  English  ▼

X  

PST23 Datasheet(PDF) 1 Page - Power System Technology

Part # PST23
Description  Standard product
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST23 Datasheet(HTML) 1 Page - Power System Technology

  PST23 Datasheet HTML 1Page - Power System Technology PST23 Datasheet HTML 2Page - Power System Technology PST23 Datasheet HTML 3Page - Power System Technology PST23 Datasheet HTML 4Page - Power System Technology PST23 Datasheet HTML 5Page - Power System Technology PST23 Datasheet HTML 6Page - Power System Technology PST23 Datasheet HTML 7Page - Power System Technology PST23 Datasheet HTML 8Page - Power System Technology PST23 Datasheet HTML 9Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
►12, 24, 48, 72, 110Vdc Input voltage ranges
►1 isolated output up to 150W
►100*78*23mm Fast On connectors or Molex
►Surge and transient protection EN50155
►Many output configurations available
►Conduction cooled 100°C baseplate
Safety IEC/EN 60950-1, RoHS lead-free-solder compliant
The PST23 , very compact DC-DC converter in chassis mount format, incorporate input filtering, input and output protections, very robust mechanical mounting
and connection,optional conformal coating, required in most of the severe environment for industrial, railways type of applications. The converter provides high
reliability thanks to the integration of Vicor Corp. modules, high efficiency, input-to-output isolation, soft start, overtemperature protection, input over/undervoltage
lockout. The converters wide range of inputs are protected against surges and transients and EMI filtered. The outputs are countinuously short-circuit proof .The
100°C baseplate operation allows operation in high temperature environment.
The output can be configured in many different output voltages from 3V3 to 48Vdc , others possibilties are even possible as semi-standard versions.
PST23 Rev. 04
Page 1 of 9
www.powersystemtechnology.com
RoHS
Features
Description
PST23
Standard product
+Vin
PST23 PLAN 01
Schéma Electrique PST23
+IN
1
-IN
4
PC
2
PR
3
+OUT
5
-OUT
7
SC
6
VI1
XX
C3
C6
4,7nFY
C8
4,7nFY
C5
4,7nFY
C7
4,7nFY
C1
x-xVdc Imax xA
+Vin
-Vin
+Vout
-Vout
C9
VDR1
xxVdc xxA
20/02/12
Validation du plan
T.Couleau
T.Couleau
T.Liger
Fait par / Prepared by
Verifie par / Verified by
Date
Date
Plan / draw :
Planche / sheet :
Ind / Rev.:
Echelle
/ Scale :
Titre :
Title :
Ind / Rev
00
Description de la modification / Description of modification
CREATION
Power System Technology
ZA La Paillerie
61340 Berd'huis
Tel : 02 33 83 94 94
Fax : 02 33 83 94 95
E-mail : sales@powersystemtechnology.com
Copyright Power System Technology
This document is property of Power System Technology.It may not be copied or show to
anyone without prior approvel of on sold company.
communiqué à des tiers sans l'accord écrit d'une personne dûment mandatée par ladite
Ce document est la propriété de Power System Technology et ne peut être ni reproduit,ni
C
société.
20/02/12
20/02/12
20/02/12
00
1/1
F1
XXA CMS
C4
10nF 50V
R1
xx 1/8w
R2
xx 1/8w
C10
100nF100V
D2
BZX84C8V2
R4
220R 1/8w
-Inh
+Inh
2
P1
PV5H 1K
1
2
3
4
5
6
J5
xx
C2
10nF500V
L1
MP1466SNH 2x3mh 10A
D1
MBRB20200CT
1
2
3
4
5
J6
xx
J1
FAST 6,3mm
J2
FAST 6,3mm
J4
FAST 6,3mm
J5
FAST 6,3mm
SI OPTION "C": J5 = Molex 1032-1061 et J6 Molex 1032-1051. J1, J2, J3, J4 pas câblé.
SI PAS OPTION "C": J5 = Molex 1032-1021, J1, J2, J3, J4 =Cosse "FAST-ON" 6,3mm et J6 non câblé
Options Description
-40°C operation (T)
The thermal grade of the Vicor the DC/DC converters used and other
components are changed to comply with low ambient temperature.
Conformal coating (V)
During manufacturing process , when V option is specified, components and
pcb are covered with an acrylic coating to address high level of ambiant
humidity application.
MOLEX connector (C)
2 MOLEX connector could be put on to remplace the Fast On .
(See page 7)


Similar Part No. - PST23

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST20 PST-PST20 Datasheet
221Kb / 3P
Industrial applications
PST21 PST-PST21 Datasheet
512Kb / 6P
Chassis mounting applications, low profile
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
PST22 PST-PST22 Datasheet
1Mb / 11P
Standard product
PST24 PST-PST24 Datasheet
1Mb / 8P
Standard product
More results

Similar Description - PST23

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
NSE-8G??Standard Product Data Sheet Preliminary
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
logo
Mitsubishi Electric Sem...
M58609-04P MITSUBISHI-M58609-04P Datasheet
424Kb / 6P
KEYBOARD ENCODER ( JIS CODE STANDARD PRODUCT )
logo
Power System Technology
CPCIAC PST-CPCIAC Datasheet
4Mb / 9P
Standard product AC-DC CompactPCI짰 300W
PST22 PST-PST22 Datasheet
1Mb / 11P
Standard product
PST24 PST-PST24 Datasheet
1Mb / 8P
Standard product
PST26 PST-PST26 Datasheet
1Mb / 11P
Standard product
logo
PMC-Sierra, Inc
PM5345S PMC-PM5345S Datasheet
614Kb / 196P
SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
logo
II-VI Marlow, Inc.
CTA305-0001-01 VIMARLOW-CTA305-0001-01 Datasheet
355Kb / 2P
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
logo
Molex Electronics Ltd.
PS-1462360001 MOLEX-PS-1462360001 Datasheet
1Mb / 13P
Rectangular Standard NFC Antenna Product Specification
2021/03/17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com