Electronic Components Datasheet Search
  English  ▼

X  

PST19 Datasheet(PDF) 3 Page - Power System Technology

Part # PST19
Description  Naval and industrial applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST19 Datasheet(HTML) 3 Page - Power System Technology

  PST19 Datasheet HTML 1Page - Power System Technology PST19 Datasheet HTML 2Page - Power System Technology PST19 Datasheet HTML 3Page - Power System Technology PST19 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICALS
PST19
3/4
PIN 1 to 4
V1 : + 5V
DESCRIPTION
J1 : PCIH47M400A1
PIN 5 to 12
0V (V1, V2)
PIN 13 to 18
V2 : + 3V3
PIN 19
0V (V3)
PIN 20
V3 : + 12V
PIN 21
V4 : - 12V
PIN 22
0V signal
PIN 23
NC
PIN 24
0V (V4)
PIN 25 to 26
NC
PIN 27
Enable
PIN 28 to 32
NC
PIN 33
+ Sense V2
Rev. 01
PIN 34
- Sense 0V (V1, V2)
PIN 35 to 44
NC
PIN 45
Ground
PIN 46
AC/N
PIN 47
AC/L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com