Electronic Components Datasheet Search
  English  ▼

X  

PST19 Datasheet(PDF) 1 Page - Power System Technology

Part # PST19
Description  Naval and industrial applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST19 Datasheet(HTML) 1 Page - Power System Technology

  PST19 Datasheet HTML 1Page - Power System Technology PST19 Datasheet HTML 2Page - Power System Technology PST19 Datasheet HTML 3Page - Power System Technology PST19 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
3U x 8TE x 160 mm
INPUT : 95 - 264 Vac
OUTPUT : 250W
Efficiency : 79 % typ.
Air forced
Compact PCI compatible
Options : -40°C (T), conformal coating (V)
INPUT
Voltage range :
95 - 264Vac
Nominal :
230Vac
Input protection :
fuse 5A
transient and surges protected
OUTPUT
Voltage :
V1 : + 5V / 20A , V2 : +3V3 / 15A (V1+V2 do not exceed 100W)
V3 : +12V / 6A (12,5A max.), V4 : -12V / 6A (12,5A max.)
Typ.
Line regulation
Load regulation
Load regulatio
Ripple and noise
Current limit
0,02 %
0,5 %
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
2,5 %
7,5 % : V1, V2
2 % : V3, V4
+5V : 23A
+3V3 : 15A
+12V : 12,5A
-12V : 6A
OUTPUT
Conditions
Max.
APPLICATIONS
Naval and industrial applications.
Short circuit current
Vout < 250mV ; Automatic restart
+5V : 23A
+3V3 : 27,5A
+12V : 14,3A
-12V : 14,3A
PST19
1/4
Rev. 01


Similar Part No. - PST19

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST10 PST-PST10 Datasheet
230Kb / 4P
Industrial DIN RAIL mounting application
PST11 PST-PST11 Datasheet
222Kb / 4P
This range of power supplies is specially designed
PST12 PST-PST12 Datasheet
263Kb / 3P
Automobile bench of test designed for DIN Rail mounting applications
PST13 PST-PST13 Datasheet
226Kb / 4P
Modular power supply for industrial & railways
PST14 PST-PST14 Datasheet
3Mb / 20P
DC-DC conduction cooled from 150W to several kWs
More results

Similar Description - PST19

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
logo
Sumida Corporation
CBM5D33 SUMIDA-CBM5D33_16 Datasheet
238Kb / 2P
Automotive and Industrial Applications
logo
Power System Technology
FAB0301007 PST-FAB0301007 Datasheet
209Kb / 3P
Naval cabinet
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
Naval defence
FAB0403012 PST-FAB0403012 Datasheet
211Kb / 3P
Naval
FAB0404010 PST-FAB0404010 Datasheet
213Kb / 3P
Railways and industrial applications
FAB0509012 PST-FAB0509012 Datasheet
203Kb / 3P
Naval, industrial
PST04 PST-PST04 Datasheet
232Kb / 4P
Industrial, naval applications
PST08 PST-PST08 Datasheet
232Kb / 4P
Designed for industrial and defense, naval applications
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
Commercial, Industrial and Automotive Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com