Electronic Components Datasheet Search
  English  ▼

X  

BFP720 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # BFP720
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button BFP720 Datasheet HTML 15Page - Infineon Technologies AG BFP720 Datasheet HTML 16Page - Infineon Technologies AG BFP720 Datasheet HTML 17Page - Infineon Technologies AG BFP720 Datasheet HTML 18Page - Infineon Technologies AG BFP720 Datasheet HTML 19Page - Infineon Technologies AG BFP720 Datasheet HTML 20Page - Infineon Technologies AG BFP720 Datasheet HTML 21Page - Infineon Technologies AG BFP720 Datasheet HTML 22Page - Infineon Technologies AG BFP720 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
BFP720
Electrical Characteristics
Data Sheet
19
Revision 1.1, 2012-10-19
Figure 5-4 Input Matching
S
11 = f (f), VCE = 3 V, IC = 5 mA / 13 mA
Figure 5-5 Output Matching
S
22 = f (f), VCE = 3 V, IC = 5 mA / 13 mA
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
Swp Max
10GHz
Swp Min
0GHz
S11 @3V, 5mA
S11 @3V, 13mA
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
Swp Max
10GHz
Swp Min
0GHz
S11 @3V, 5mA
S11 @3V, 13mA
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
Swp Max
10GHz
Swp Min
0GHz
S22 @3V, 5mA
S22 @3V, 13mA
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
9 GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
Swp Max
10GHz
Swp Min
0GHz
S22 @3V, 5mA
S22 @3V, 13mA
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
8 GHz
9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com