Electronic Components Datasheet Search
  English  ▼

X  

S25FS064S Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # S25FS064S
Description  64 Mbit (8 Mbyte), 1.8-V FS-S Flash
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS064S Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button S25FS064S Datasheet HTML 45Page - Cypress Semiconductor S25FS064S Datasheet HTML 46Page - Cypress Semiconductor S25FS064S Datasheet HTML 47Page - Cypress Semiconductor S25FS064S Datasheet HTML 48Page - Cypress Semiconductor S25FS064S Datasheet HTML 49Page - Cypress Semiconductor S25FS064S Datasheet HTML 50Page - Cypress Semiconductor S25FS064S Datasheet HTML 51Page - Cypress Semiconductor S25FS064S Datasheet HTML 52Page - Cypress Semiconductor S25FS064S Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 147 page
background image
Document Number: 002-03631 Rev. *C
Page 49 of 147
S25FS064S
PRELIMINARY
9.6.1
Status Registers 1
9.6.1.1
Status Register 1 Non-Volatile (SR1NV)
Related Commands: Write Registers (WRR 01h), Read Any Register (RDAR 65h), Write Any Register (WRAR 71h)
Status Register Write Non-volatile (SRWD_NV) SR1NV[7]
: Places the device in the Hardware Protected mode when this bit is set
to 1 and the WP# input is driven low. In this mode, the Write Registers (WRR) and Write Any Register (WRAR) commands (that
select status register-1 or configuration register-1) are ignored and not accepted for execution, effectively locking the state of the
Status Register-1 and Configuration Register-1 (SR1NV, SR1V, CR1NV, or CR1V) bits, by making the registers read-only. If WP# is
high, Status Register-1 and Configuration Register-1 may be changed by the WRR or WRAR commands. If SRWD_NV is 0, WP#
has no effect and Status Register-1 and Configuration Register-1 may be changed by the WRR or WRAR commands. WP# has no
effect on the writing of any other registers. The SRWD_NV bit has the same non-volatile endurance as the main Flash array. The
SRWD (SR1V[7]) bit serves only as a copy of the SRWD_NV bit to provide zero read latency.
Program Error Default (P_ERR_D) SR1NV[6]
: Provides the default state for the Programming Error Status in SR1V[6]. This bit is
not user programmable.
Configuration Register-3
Non-volatile/OTP
7:0
CR3NV[7:0]
Volatile
7:0
CR3V[7:0]
Configuration Register-4
Non-volatile/OTP
7:0
CR4NV[7:0]
Volatile
7:0
CR4V[7:0]
ECC Status Register
Volatile
Read Only
7:0
ECCSRV[7:0]
ASP Register
OTP
15:0
ASPR[15:0]
Password Register
OTP
63:0
PASS[63:0]
PPB Lock Register
Volatile
Read Only
7:0
PPBL[7:0]
PPB Access Register
Non-volatile
7:0
PPBAR[7:0]
DYB Access Register
Volatile
7:0
DYBAR[7:0]
SPI DDR Data Learning Registers
OTP
7:0
NVDLR[7:0]
Volatile
7:0
VDLR[7:0]
Table 9.10 Status Register-1 Non-Volatile (SR1NV)
Bits
Field Name
Function
Type
Default State
Description
7
SRWD_NV
Status Register
Write Disable
Default
Non-Volatile
0
1 = Locks state of SRWD, BP, and configuration register-1 bits when WP# is low by not
executing WRR or WRAR commands that would affect SR1NV, SR1V, CR1NV, or CR1V.
0 = No protection, even when WP# is low
6
P_ERR_D
Programming Error
Default
Non-Volatile
Read Only
0
Provides the default state for the Programming Error Status. Not user programmable.
5
E_ERR_D
Erase Error
Default
Non-Volatile
Read Only
0
Provides the default state for the Erase Error Status. Not user programmable.
4
BP_NV2
Block Protection
Non-Volatile
Non-Volatile
000b
Protects the selected range of sectors (Block) from Program or Erase when the BP bits are
configured as non-volatile (CR1NV[3]=0). Programmed to 111b when BP bits are
configured to volatile (CR1NV[3]=1).- after which these bits are no longer user
programmable.
3
BP_NV1
2
BP_NV0
1
WEL_D
WEL Default
Non-Volatile
Read Only
0
Provides the default state for the WEL Status. Not user programmable.
0
WIP_D
WIP Default
Non-Volatile
Read Only
0
Provides the default state for the WIP Status. Not user programmable.
Table 9.9 Register Descriptions (Continued)
Register
Type
Bits
Abbreviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com