Electronic Components Datasheet Search
  English  ▼

X  

S25FS064S Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # S25FS064S
Description  64 Mbit (8 Mbyte), 1.8-V FS-S Flash
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS064S Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button S25FS064S Datasheet HTML 25Page - Cypress Semiconductor S25FS064S Datasheet HTML 26Page - Cypress Semiconductor S25FS064S Datasheet HTML 27Page - Cypress Semiconductor S25FS064S Datasheet HTML 28Page - Cypress Semiconductor S25FS064S Datasheet HTML 29Page - Cypress Semiconductor S25FS064S Datasheet HTML 30Page - Cypress Semiconductor S25FS064S Datasheet HTML 31Page - Cypress Semiconductor S25FS064S Datasheet HTML 32Page - Cypress Semiconductor S25FS064S Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 147 page
background image
Document Number: 002-03631 Rev. *C
Page 29 of 147
S25FS064S
PRELIMINARY
6.2.1
Capacitance Characteristics
6.3
Reset
6.3.1
Power On (Cold) Reset
The device executes a Power-On Reset (POR) process until a time delay of tPU has elapsed after the moment that VDD rises above
the minimum VDD threshold. See Figure 5.3 on page 24, Table 5.3 on page 24. The device must not be selected (CS# to go high
with VDD) during power-up (tPU), i.e. no commands may be sent to the device until the end of tPU.
RESET# and IO3_RESET# are ignored during POR but must be at either a high or low level. If RESET# or IO3_RESET# are low
during POR and remains low through and beyond the end of tPU, CS# must remain high until tRH after RESET# and IO3_RESET#
returns high. RESET# and IO3_RESET# must return high for greater than tRS before returning low to initiate a hardware reset.
The IO3_RESET# input functions as only as the RESET# signal when Quad or QPI mode is not enabled (CR1V[1]=0 or CR2V[6]=0)
and when CS# is high for more than tCS time.
Figure 6.4
Reset low at the end of POR
Figure 6.5
Reset high at the end of POR
Table 6.2 Capacitance
Parameter
Test Conditions
Package
Min
Max
Unit
CIN
Input Capacitance (applies to SCK, CS#, IO3/RESET#)
1 MHz
SOIC
12.5
pF
LGA, BGA
8
COUT
Output Capacitance (applies to All I/O)
1 MHz
SOIC
12
pF
LGA, BGA
8
VCC
RESET#
CS#
If RESET# is low at tPU end
CS# must be high at tPU end
tPU
tRH
VCC
RESET#
CS#
If RESET# is high at tPU end
CS# may stay high or go low at tPU end
tPU
tPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com