Electronic Components Datasheet Search
  English  ▼

X  

LM2591HV Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2591HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2591HV Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2591HV Datasheet HTML 3Page - National Semiconductor (TI) LM2591HV Datasheet HTML 4Page - National Semiconductor (TI) LM2591HV Datasheet HTML 5Page - National Semiconductor (TI) LM2591HV Datasheet HTML 6Page - National Semiconductor (TI) LM2591HV Datasheet HTML 7Page - National Semiconductor (TI) LM2591HV Datasheet HTML 8Page - National Semiconductor (TI) LM2591HV Datasheet HTML 9Page - National Semiconductor (TI) LM2591HV Datasheet HTML 10Page - National Semiconductor (TI) LM2591HV Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Typical Performance Characteristics (Circuit of Figure 1) (Continued)
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT = 5V, ILOAD = 250 mA to 1A
L = 52 µH, C
OUT = 100 µF, COUT ESR = 100 m
Ω
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V, ILOAD = 250 mA to 1A
L = 15 µH, C
OUT = 150 µF, COUT ESR=90 m
Ω
10129321
A: Output Voltage, 100 mV/div. (AC)
B: 250 mA to 1A Load Pulse
Horizontal Time Base: 50 µs/div.
10129322
A: Output Voltage, 100 mV/div. (AC)
B: 250 mA to 1A Load Pulse
Horizontal Time Base: 200 µs/div.
Connection Diagrams and Order Information
Bent and Staggered Leads, Through Hole Package
5-Lead TO-220 (T)
Surface Mount Package
5-Lead TO-263 (S)
10129381
Order Number LM2591HVT-3.3, LM2591HVT-5.0,
or LM2591HVT-ADJ
See NS Package Number T05D
10129382
Order Number LM2591HVS-3.3, LM2591HVS-5.0,
or LM2591HVS-ADJ
See NS Package Number TS5B
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com