Electronic Components Datasheet Search
  English  ▼

X  

LM2591HV Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2591HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2591HV Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2591HV Datasheet HTML 12Page - National Semiconductor (TI) LM2591HV Datasheet HTML 13Page - National Semiconductor (TI) LM2591HV Datasheet HTML 14Page - National Semiconductor (TI) LM2591HV Datasheet HTML 15Page - National Semiconductor (TI) LM2591HV Datasheet HTML 16Page - National Semiconductor (TI) LM2591HV Datasheet HTML 17Page - National Semiconductor (TI) LM2591HV Datasheet HTML 18Page - National Semiconductor (TI) LM2591HV Datasheet HTML 19Page - National Semiconductor (TI) LM2591HV Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Information (Continued)
Because of differences in the operation of the inverting
regulator, the standard design procedure is not used to
select the inductor value. In the majority of designs, a 33 µH,
3A inductor is the best choice. Capacitor selection can also
be narrowed down to just a few values.
This type of inverting regulator can require relatively large
amounts of input current when starting up, even with light
loads. Input currents as high as the LM2591HV current limit
(approx 4A) are needed for at least 2 ms or more, until the
output reaches its nominal output voltage. The actual time
depends on the output voltage and the size of the output
capacitor. Input power sources that are current limited or
sources that can not deliver these currents without getting
loaded down, may not work correctly. Because of the rela-
tively high startup currents required by the inverting topology,
the delayed startup feature (C1, R
1 and R2) shown in Figure
11 is recommended. By delaying the regulator startup, the
input capacitor is allowed to charge up to a higher voltage
before the switcher begins operating. A portion of the high
input current needed for startup is now supplied by the input
capacitor (C
IN). For severe start up conditions, the input
capacitor can be made much larger than normal.
lNVERTING REGULATOR SHUTDOWN METHODS
To use the ON /OFF pin in a standard buck configuration is
simple, pull it below 1.3V (@25˚C, referenced to ground) to
turn regulator ON, pull it above 1.3V to shut the regulator
OFF. With the inverting configuration, some level shifting is
required, because the ground pin of the regulator is no
longer at ground, but is now setting at the negative output
voltage level. Two different shutdown methods for inverting
regulators are shown in Figure 12 and Figure 13
10129339
This circuit has hysteresis
Regulator starts switching at V
IN= 13V
Regulator stops switching at V
IN=8V
FIGURE 10. Undervoltage Lockout with Hysteresis for Inverting Regulator
10129340
C
IN
— 68 µF/25V Tant. Sprague 595D
470 µF/50V Elec. Panasonic HFQ
C
OUT
— 47 µF/20V Tant. Sprague 595D
220 µF/25V Elec. Panasonic HFQ
FIGURE 11. Inverting −5V Regulator with Delayed Startup
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com