Electronic Components Datasheet Search
  English  ▼

X  

DSS34 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DSS34
Description  Plastic package has Underwriters Laboratory Flammability Classification 94V-0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DSS34 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DSS34 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DSS34 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DSS34 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DSS34 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1824, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
DSS34
Marking Diagram:
S34
= Marking code
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
DSS34
SOD-123FL
3000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification
Maximum Ratings and Electrical characteristics
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz resistive or
inductive load, for capacitive load, derate by 20 %
Characteristic
Symbol
DSS34
Unit
Marking code
S34
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VDC
40
V
Maximum RMS voltage
VRMS
28
V
Maximum Average Forward Rectified Current (See fig.1)
IF(AV)
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
80.0
A
Max Instantaneous Forward Voltage at 3.0A (Note 1)
VF
0.50
V
Peak Reverse Current (Note 1)
@TA = 25°C
At Rated DC Blocking Voltage (Note 1) @TA = 100°C
IRM
0.2
mA
20
Typical Junction Capacitance(Note 3)
CJ
250
pF
Typical Thermal Resistance(Note 2)
RθJA
RθJL
55
17
°C/W
Operating Temperature Range
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Pulse test: 300 us pulse width, 1% duty cycle.
2. PCB mounted on 0.55 X 0.55" (14 X 14 mm) copper pad areas.
3. Measured at 1MHz and applied reverse voltage of 4V D.C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com