Electronic Components Datasheet Search
  English  ▼

X  

DSS34 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # DSS34
Description  Plastic package has Underwriters Laboratory Flammability Classification 94V-0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

DSS34 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  DSS34 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd DSS34 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd DSS34 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd DSS34 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1824, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
DSS34
DSS34 SCHOTTKY BARRIER RECTIFIER
Features
•
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
•
Metal silicon junction, majority carrier conduction
•
For surface mount applications
•
Low power loss, high efficiency
•
High current capability, Low forward voltage drop
•
Low profile package
•
Built-in strain relief, ideal for automated placement
•
For use in low voltage, high frequency inverters, free wheeling, and polarity applications
•
High temperature soldering guaranteed: 260°C/10 seconds at terminals
Mechanical Data
•
Case: JEDEC SOD-123FL molded plastic body
•
Terminals: Solderable per MIL-STD-750, Method 2026
•
Polarity: Color band denotes cathode end
•
Mounting Position: Any
•
Weight: 0.0007 ounce, 0.02 grams
Mechanical Dimensions (In mm)
Note: Blue area is suggested pad layout and red area is package terminals.
SOD-123FL


Similar Part No. - DSS34

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSS34 FORMOSA-DSS34 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
DSS34 CHENDA-DSS34 Datasheet
549Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS34 DYELEC-DSS34 Datasheet
2Mb / 2P
SINGLE PHASE 3.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
DSS34 SMCDIODE-DSS34 Datasheet
408Kb / 4P
DSS34 SCHOTTKY BARRIER RECTIFIER
Rev. A
logo
Jiangsu High diode Semi...
DSS345-F HDSEMI-DSS345-F Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Diodes
More results

Similar Description - DSS34

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR30H100CT KERSEMI-MBR30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF20H150CT KERSEMI-MBRF20H150CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H90CT KERSEMI-MBRF30H90CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF3035C KERSEMI-MBRF3035C Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com