Electronic Components Datasheet Search
  English  ▼

X  

AD5553 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5553
Description  Current Output/ Serial Input, 16-/14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5553 Datasheet(HTML) 3 Page - Analog Devices

  AD5553 Datasheet HTML 1Page - Analog Devices AD5553 Datasheet HTML 2Page - Analog Devices AD5553 Datasheet HTML 3Page - Analog Devices AD5553 Datasheet HTML 4Page - Analog Devices AD5553 Datasheet HTML 5Page - Analog Devices AD5553 Datasheet HTML 6Page - Analog Devices AD5553 Datasheet HTML 7Page - Analog Devices AD5553 Datasheet HTML 8Page - Analog Devices AD5553 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
AD5543/AD5553
–3–
ABSOLUTE MAXIMUM RATINGS
*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +8 V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –18 V, +18 V
Logic Inputs to GND . . . . . . . . . . . . . . . . . . . . . –0.3 V, +8 V
V(IOUT) to GND . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
Input Current to Any Pin except Supplies . . . . . . . . . .
±50 mA
Package Power Dissipation . . . . . . . . . . . . . (TJ Max – TA )/ JA
Thermal Resistance JA
8-Lead Surface Mount (MSOP-8) . . . . . . . . . . . . . 150
°C/W
8-Lead Surface Mount (SOIC-8) . . . . . . . . . . . . . . 100
°C/W
Maximum Junction Temperature (TJ Max) . . . . . . . . . . 150
°C
Operating Temperature Range
Models B, C . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature
RN-8, RM-8 (Vapor Phase, 60 sec) . . . . . . . . . . . . . . 215
°C
RN-8, RM-8 (Infrared, 15 sec) . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
MSOP and SOIC-8
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
CLK
AD5543/
AD5553
SDI
RFB
VREF
CS
GND
IOUT
VDD
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic Function
1
CLK
Clock Input. Positive-edge triggered, clocks
data into shift register.
2
SDI
Serial Register Input. Data loads directly
into the shift register MSB first. Extra leading
bits are ignored.
3RFB
Internal Matching Feedback Resistor. Con-
nects to external op amp for voltage output.
4VREF
DAC Reference Input Pin. Establishes DAC
full-scale voltage. Constant input resistance
versus code.
5IOUT
DAC Current Output. Connects to inverting
terminal of external precision I-to-V op amp
for voltage output.
6GND
Analog and Digital Ground
7VDD
Positive Power Supply Input. Specified range
of operation 5 V
± 10%.
8
CS
Chip Select. Active low digital input. Transfers
shift-register data to DAC register on rising
edge. See Truth Table for operation.
ORDERING GUIDE
*
INL
RES
Temperature
Package
Package
Model
(LSB)
(LSB)
Range
Description
Option
Marking
AD5543BR
±216
–40
°C to +85°C SOIC-8
RN-8
AD5543
AD5543BRM
±216
–40
°C to +85°CMSOP-8
RM-8
DXB
AD5553CRM
±114
–40
°C to +85°CMSOP-8
RM-8
DUC
*The AD5543 contains 1040 transistors. The die size measures 55 mil
73 mil, 4,015 sq. mil.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD5543/AD5553 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com