Electronic Components Datasheet Search
  English  ▼

X  

LM2594 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2594
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2594 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2594 Datasheet HTML 5Page - National Semiconductor (TI) LM2594 Datasheet HTML 6Page - National Semiconductor (TI) LM2594 Datasheet HTML 7Page - National Semiconductor (TI) LM2594 Datasheet HTML 8Page - National Semiconductor (TI) LM2594 Datasheet HTML 9Page - National Semiconductor (TI) LM2594 Datasheet HTML 10Page - National Semiconductor (TI) LM2594 Datasheet HTML 11Page - National Semiconductor (TI) LM2594 Datasheet HTML 12Page - National Semiconductor (TI) LM2594 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LM2594/LM2594HV Series Buck Regulator Design Procedure (Fixed
Output)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
Given:
V
OUT = Regulated Output Voltage (3.3V, 5V or 12V)
V
IN(max) = Maximum DC Input Voltage
I
LOAD(max) = Maximum Load Current
Given:
V
OUT = 5V
V
IN(max) = 12V
I
LOAD(max) = 0.4A
1. Inductor Selection (L1)
A. Select the correct inductor value selection guide from
Fig-
ures 4, 5 or Figure 6. (Output voltages of 3.3V, 5V, or 12V re-
spectively.) For all other voltages, see the design procedure
for the adjustable version.
B. From the inductor value selection guide, identify the induc-
tance region intersected by the Maximum Input Voltage line
and the Maximum Load Current line. Each region is identified
by an inductance value and an inductor code (LXX).
C. Select an appropriate inductor from the four manufactur-
er’s part numbers listed in
Figure 8.
1. Inductor Selection (L1)
A. Use the inductor selection guide for the 5V version shown
in
Figure 5.
B. From the inductor value selection guide shown in
Figure 5,
the inductance region intersected by the 12V horizontal line
and the 0.4A vertical line is 100 µH, and the inductor code is
L20.
C. The inductance value required is 100 µH. From the table
in
Figure 8, go to the L20 line and choose an inductor part
number from any of the four manufacturers shown. (In most
instance, both through hole and surface mount inductors are
available.)
2. Output Capacitor Selection (C
OUT)
A. In the majority of applications, low ESR (Equivalent Series
Resistance) electrolytic capacitors between 82 µF and
220 µF and low ESR solid tantalum capacitors between 15
µF and 100 µF provide the best results. This capacitor should
be located close to the IC using short capacitor leads and
short copper traces. Do not use capacitors larger than
220 µF.
For additional information, see section on output capaci-
tors in application information section.
B. To simplify the capacitor selection procedure, refer to the
quick design component selection table shown in
Figure 2.
This table contains different input voltages, output voltages,
and load currents, and lists various inductors and output ca-
pacitors that will provide the best design solutions.
C. The capacitor voltage rating for electrolytic capacitors
should be at least 1.5 times greater than the output voltage,
and often much higher voltage ratings are needed to satisfy
the low ESR requirements for low output ripple voltage.
D. For computer aided design software, see
Switchers Made
Simple version 4.1 or later.
2. Output Capacitor Selection (C
OUT)
A. See section on output capacitors in application infor-
mation section.
B. From the quick design component selection table shown
in
Figure 2, locate the 5V output voltage section. In the load
current column, choose the load current line that is closest to
the current needed in your application, for this example, use
the 0.5A line. In the maximum input voltage column, select
the line that covers the input voltage needed in your applica-
tion, in this example, use the 15V line. Continuing on this line
are recommended inductors and capacitors that will provide
the best overall performance.
The capacitor list contains both through hole electrolytic and
surface mount tantalum capacitors from four different capaci-
tor manufacturers. It is recommended that both the manufac-
turers and the manufacturer’s series that are listed in the
table be used.
In this example aluminum electrolytic capacitors from several
different manufacturers are available with the range of ESR
numbers needed.
120 µF
25V
Panasonic HFQ Series
120 µF
25V
Nichicon PL Series
C. For a 5V output, a capacitor voltage rating at least 7.5V or
more is needed. But, in this example, even a low ESR,
switching grade, 120 µF 10V aluminum electrolytic capacitor
would exhibit approximately 400 m
Ω of ESR (see the curve
in
Figure 14 for the ESR vs voltage rating). This amount of
ESR would result in relatively high output ripple voltage. To
reduce the ripple to 1% of the output voltage, or less, a ca-
pacitor with a higher voltage rating (lower ESR) should be se-
lected. A 16V or 25V capacitor will reduce the ripple voltage
by approximately half.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com