Electronic Components Datasheet Search
  English  ▼

X  

LM2594 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2594
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2594 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2594 Datasheet HTML 13Page - National Semiconductor (TI) LM2594 Datasheet HTML 14Page - National Semiconductor (TI) LM2594 Datasheet HTML 15Page - National Semiconductor (TI) LM2594 Datasheet HTML 16Page - National Semiconductor (TI) LM2594 Datasheet HTML 17Page - National Semiconductor (TI) LM2594 Datasheet HTML 18Page - National Semiconductor (TI) LM2594 Datasheet HTML 19Page - National Semiconductor (TI) LM2594 Datasheet HTML 20Page - National Semiconductor (TI) LM2594 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LM2594/LM2594HV Series Buck Regulator Design Procedure (Continued)
Block Diagram
Application Information
PIN FUNCTIONS
+V
IN — This is the positive input supply for the IC switching
regulator. A suitable input bypass capacitor must be present
at this pin to minimize voltage transients and to supply the
switching currents needed by the regulator.
Ground — Circuit ground.
Output — Internal switch. The voltage at this pin switches
between (+V
IN −VSAT) and approximately −0.5V, with a duty
cycle of V
OUT/VIN. To minimize coupling to sensitive circuitry,
the PC board copper area connected to this pin should be
kept to a minimum.
VR
1A Diodes
Surface Mount
Through Hole
Schottky
Ultra Fast
Schot-
tky
Ultra Fast
Recovery
Recovery
20V
All of
these
1N5817
All of these
diodes are
SR102
diodes are
MBRS130
rated to at
1N5818
rated to at
30V
least 60V.
SR103
least 60V.
11DQ03
MBRS140
MURS120
1N5819
MUR120
40V
10BQ040
10BF10
SR104
HER101
10MQ040
11DQ04
11DF1
50V
or
more
MBRS160
SR105
10BQ050
MBR150
10MQ060
11DQ05
MBRS1100
MBR160
10MQ090
SB160
SGL41-60
11DQ10
SS16
FIGURE 11. Diode Selection Table
DS012439-21
FIGURE 12.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com