Electronic Components Datasheet Search
  English  ▼

X  

IRF7404 Datasheet(PDF) 5 Page - Analog Devices

Part # IRF7404
Description  Thermoelectric Cooler Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IRF7404 Datasheet(HTML) 5 Page - Analog Devices

  IRF7404 Datasheet HTML 1Page - Analog Devices IRF7404 Datasheet HTML 2Page - Analog Devices IRF7404 Datasheet HTML 3Page - Analog Devices IRF7404 Datasheet HTML 4Page - Analog Devices IRF7404 Datasheet HTML 5Page - Analog Devices IRF7404 Datasheet HTML 6Page - Analog Devices IRF7404 Datasheet HTML 7Page - Analog Devices IRF7404 Datasheet HTML 8Page - Analog Devices IRF7404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. C
Typical Performance Characteristics–ADN8830
–5–
TIME (20ns/DIV)
0
00
0
0000
0
000
P1
N1
VDD = 5V
TA = 25 C
TPC 1. N1 and P1 Rise Time
TIME (20ns/DIV)
0
00
0
0000
0
000
VDD = 5V
TA = 25 C
P1
N1
TPC 2. N1 and P1 Fall Time
360
320
0
160
120
80
40
240
200
280
VPHASE (V)
2.4
0.4
0.8
1.2
1.6
2.0
0
SYNC IN = 1MHz
TA = 25 C
TPC 3. Clock Phase Shift vs. Phase Voltage
320
0
160
120
80
40
240
200
280
VPHASE (V)
2.4
0.4
0.8
1.2
1.6
2.0
0
SYNC IN = 200kHz
TA = 25 C
360
TPC 4. Clock Phase Shift vs. Phase Voltage
TEMPERATURE ( C)
2.480
2.475
2.455
–40
85
–15
10
35
60
2.470
2.465
2.460
TPC 5. VREF vs. Temperature
RFREQ (k )
1,000
800
0
01,500
250
500
750
1,000
1,250
600
400
200
VDD = 5V
TA = 25 C
TPC 6. Switching Frequency vs. RFREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com