Electronic Components Datasheet Search
  English  ▼

X  

IRF7404 Datasheet(PDF) 17 Page - Analog Devices

Part # IRF7404
Description  Thermoelectric Cooler Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IRF7404 Datasheet(HTML) 17 Page - Analog Devices

Back Button IRF7404 Datasheet HTML 13Page - Analog Devices IRF7404 Datasheet HTML 14Page - Analog Devices IRF7404 Datasheet HTML 15Page - Analog Devices IRF7404 Datasheet HTML 16Page - Analog Devices IRF7404 Datasheet HTML 17Page - Analog Devices IRF7404 Datasheet HTML 18Page - Analog Devices IRF7404 Datasheet HTML 19Page - Analog Devices IRF7404 Datasheet HTML 20Page - Analog Devices IRF7404 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. C
ADN8830
–17–
Although the FETs that drive OUT A alternate between Q1 and
Q2 being on, they have an equivalent series resistance that is
equal to a weighted average of their rDS, ON values.
RD
r
D
r
EQIV
DS P
DS N
=×
+
()×
,,
–
11
1
(35)
The resistive power loss from the PWM transistors is then
PR
I
FET PWM
EQIV
TEC
,
=×
2
(36)
There is also a power loss from the continuing charging and
discharging of the gate capacitances on Q1 and Q2. The power
dissipated due to gate charge loss (PGCL) is
PC
V
f
GCL
ISS
DD
CLK
=
1
2
2
(37)
using the appropriate input capacitance (CISS) for the NMOS
and PMOS. Both transistors are switching, so PGCL should be
calculated for each one and will be added to find the total power
dissipated from the circuit.
The series resistance of the inductor, R2 from Figure 14, will
also exhibit a power dissipation equal to
PR
I
R
TEC
2
2
2
=×
(38)
Core loss from the inductor arises as a result of nonidealities of
the inductor. Although this is difficult to calculate explicitly, it
can be estimated as 80% of PRLS at 1 MHz switching frequen-
cies and 50% of PRL at 100 kHz. Judging conservatively
PP
LOSS
RL
=×
08
.
(39)
Finally, the power dissipated by the ADN8830 is equal to the
current used by the device multiplied by the supply voltage.
Again, this exact equation is difficult to determine as we have
already taken into account some of the current while finding the
gate charge loss. A reasonable estimate is to use 40 mA as the
total current used by the ADN8830. The power dissipated from
the device itself is
PV
mA
ADN
DD
8830
10
=×
(40)
There are certainly other minor mechanisms for power dissipa-
tion in the circuit. However, a rough estimate of the total power
dissipated can be found by summing the preceding power dissi-
pation equations. Efficiency is then found by comparing the
power dissipated with the required output power to the load.
Efficiency
P
PP
LOAD
LOAD
DISS TOT
=
+
,
(41)
where
PI
V
LOAD
LOAD
LOAD
=×
The measured efficiency of the system will likely be less than the
calculated efficiency. Measuring the efficiency of the application
circuit is fairly simple but must be done in an exact manner to
ensure the correct numbers are being measured. Using two high
current, low impedance ammeters and two voltmeters, the cir-
cuit should be set up as shown in Figure 15.
A
VDD
POWER SUPPLY
GND
ADN8830
V
V
A
TEC
LOAD
Figure 15. Measuring Efficiency of the ADN8830 Circuit
Table V. Recommended FETs for Linear Output Amplifier
Part Number
Type
CGD (nF)
Ext. CGD (nF)
CSNUB (nF)
rDS, ON (m )IMAX (A)
Manufacturer
FDW2520C
*
NMOS
0.17
18
6.0
Fairchild
PMOS
0.15
2.2
3.3
35
4.5
Fairchild
IRF7401
NMOS
0.5
22
8.7
International Rectifier
IRF7233
PMOS
2.2
1.0
3.3
20
9.5
International Rectifier
FDR6674A
NMOS
0.23
9.5
11.5
Fairchild
FDR840P
PMOS
0.6
1.0
3.3
12
10
Fairchild
*Recommend transistors in typical application circuit Figure 1.
Table VI. Recommended FETs for PWM Output Amplifier
Part Number
Type
CISS (nF)
rDS,ON (m )Continuous IMAX (A)
Manufacturer
FDW2520C
*
NMOS
1.33
18
6.0
Fairchild
PMOS
1.33
35
4.5
Fairchild
Si7904DN
NMOS
1.0
30
5.3
Vishay Siliconix
Si7401DN
PMOS
3.5
17
7.3
Vishay Siliconix
IRF7401
NMOS
1.6
22
8.7
International Rectifier
IRF7404
PMOS
1.5
40
6.7
International Rectifier
*Recommend transistors in typical application circuit Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com