Electronic Components Datasheet Search
  English  ▼

X  

BSC032N04LS Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BSC032N04LS
Description  OptiMOSTM Power-MOSFET, 40 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC032N04LS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BSC032N04LS Datasheet HTML 5Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 6Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 7Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 8Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 9Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 10Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 11Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 12Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
OptiMOSTMPower-MOSFET,40V
BSC032N04LS
Rev.2.1,2016-06-09
Final Data Sheet
Diagram13:Avalanchecharacteristics
tAV[µs]
100
101
102
103
100
101
102
25 °C
100 °C
125 °C
IAS=f(tAV);RGS=25
Ω;parameter:Tj(start)
Diagram14:Typ.gatecharge
Qgate[nC]
0
5
10
15
20
25
0
2
4
6
8
10
12
32 V
20 V
8 V
VGS=f(Qgate);ID=50Apulsed;parameter:VDD
Diagram15:Drain-sourcebreakdownvoltage
Tj[°C]
-60
-20
20
60
100
140
180
30
32
34
36
38
40
42
44
46
VBR(DSS)=f(Tj);ID=1mA
Gate charge waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com