Electronic Components Datasheet Search
  English  ▼

X  

BSC032N04LS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC032N04LS
Description  OptiMOSTM Power-MOSFET, 40 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC032N04LS Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC032N04LS Datasheet HTML 1Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 2Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 3Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 4Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 5Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 6Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 7Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 8Page - Infineon Technologies AG BSC032N04LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
BSC032N04LS
Rev.2.1,2016-06-09
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
SuperSO8
8 D
7 D
6 D
5 D
S 1
S 2
S 3
G 4
MOSFET
OptiMOSTMPower-MOSFET,40V
Features
•OptimizedforhighperformanceSMPS,e.g.sync.rec.
•Verylowon-resistanceRDS(on)@VGS=4.5V
•100%avalanchetested
•Superiorthermalresistance
•N-channel
•QualifiedaccordingtoJEDEC1)fortargetapplications
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
40
V
RDS(on),max
3.2
m
Ω
ID
98
A
QOSS
22
nC
QG(0V..10V)
25
nC
Type/OrderingCode
Package
Marking
RelatedLinks
BSC032N04LS
PG-TDSON-8
032N04LS
-
1) J-STD20 and JESD22


Similar Part No. - BSC032N04LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSC032N03SG INFINEON-BSC032N03SG Datasheet
380Kb / 10P
OptiMOS?? Power-Transistor
Rev. 1.64 2009-10-22
BSC032N03S INFINEON-BSC032N03S_09 Datasheet
380Kb / 10P
OptiMOS?? Power-Transistor
Rev. 1.64 2009-10-22
More results

Similar Description - BSC032N04LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC022N04LS INFINEON-BSC022N04LS Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-05-25
BSC014N04LSI INFINEON-BSC014N04LSI_16 Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.2,2016-05-04
BSC014N04LS INFINEON-BSC014N04LS_16 Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.4,2016-05-04
BSC010N04LSI INFINEON-BSC010N04LSI_16 Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.2,2016-05-04
BSZ034N04LS INFINEON-BSZ034N04LS Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
BSC010N04LST INFINEON-BSC010N04LST Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2017-10-30
BSC014N04LST INFINEON-BSC014N04LST Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2017-10-30
BSC019N04LST INFINEON-BSC019N04LST Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.3,2020-08-18
IQE013N04LM6 INFINEON-IQE013N04LM6 Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.0,2020-07-15
BSC009N04LSSC INFINEON-BSC009N04LSSC Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 40 V
Rev. 2.1, 2022-10-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com