Electronic Components Datasheet Search
  English  ▼

X  

SLR1084 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SLR1084
Description  Extremely Tight Line and Load Regulation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SLR1084 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SLR1084 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Data
5A Low Dropout Positive Regulator
Data Sheet N1573, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SLR1084
Electrical Characteristics
(V
IN
=5V, T
J
=25
°C, I
O
=10mA, unless otherwise specified) (Note2)
Note 1:
To avoid output oscillation, aluminum electrolytic output capacitor is recommended and ceramic
capacitor is not suggested.
Note 2:
Specifications are production tested at T
A
=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note 3:
Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com