Electronic Components Datasheet Search
  English  ▼

X  

SLR1084 Datasheet(PDF) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SLR1084
Description  Extremely Tight Line and Load Regulation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SLR1084 Datasheet(HTML) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SLR1084 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SLR1084 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Technical Data
5A Low Dropout Positive Regulator
Data Sheet N1573, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SLR1084
Typical Performance Characteristics (Continued)
Block Diagram
Pin Descriptions
ADJ PIN -
Providing V
REF
=1.25V (typ.) for adjustable V
OUT
. V
REF
=V
OUT
-V
ADJ
and I
ADJ
=55μA (typ.)
(GND PIN- Power ground.)
VOUT PIN -
Adjustable output voltage.
VIN PIN
-
Power Input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com