Electronic Components Datasheet Search
  English  ▼

X  

PFC Datasheet(PDF) 1 Page - Riedon Powertron

Part # PFC
Description  Thick Film Power SMD Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PFC Datasheet(HTML) 1 Page - Riedon Powertron

  PFC Datasheet HTML 1Page - Riedon Powertron PFC Datasheet HTML 2Page - Riedon Powertron PFC Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
5/16
• D-PAK Foot Pattern
• Very Low Profile
• Resistances from 0.1 Ohm to 51kOhms
• Power Rating to 25 Watts
• Resistance Tolerances to ±1%
• TCR to ±100ppm/°C
• Isolated Back Plate
PFC Series
Type
PFC10
Power Rating with heatsink
25W ( 2.5W on Simple Foot Print )
Short Time Overload
35 W
Thermal Resistance Rthj-c
3.6 K/W
Resistance Range
0.1 - 51K Ohms E24+
(includes 2.5, 4.0, 5.0, 8.0, and 16)
Tolerances (others upon request)
1% / 5%
Temperature Coefficient
100 ppm/K
Operating Temperature
-55°C to 155°C
Max Operating Voltage
Capacitance
1.44 pF
Inductance
15 nH
Withstanding Voltage
1500 VAC
Insulation Resistance
Over 1,000 Megohm
Resistor Material
Thick Film
Test Conditions
Results
Load Life
±1%
90 min ON, 30 min OFF, 1000 hrs @ 25C
Humidity
±1%
90-95% RH, 0.1W, 1000 hrs @ 40C
Temperature Cycle
±0.25%
-55C for 30 min, +155C for 30 min, 5 cycles
Solder Heat
±0.1%
350C ±5C for 3 seconds
Lead Solderability
Over 95% of surface
230 ±5C for 3 seconds
Vibration
±0.25%
IEC60068-2-6
SPECIFICATIONS
Part Description: Part Type - Resistance - Tolerance
PFC10 10 Ohms 1%
Ordering Information
Thick Film Power SMD Resistors
Note: PFC10 can operate 35W rating with back solder pad temperature of 25°C
*
P
R


Similar Part No. - PFC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFC WELWYN-PFC Datasheet
67Kb / 2P
TaNFilm짰 Precision Chip Resistors
logo
TT Electronics.
PFC TTELEC-PFC Datasheet
714Kb / 3P
MIL screening available
PFC TTELEC-PFC Datasheet
839Kb / 3P
Precision Thin Film Chip Resistors
10.18
PFC TTELEC-PFC Datasheet
681Kb / 3P
Precision Thin Film Chip Resistors
09.18
logo
RSG Electronic Componen...
PFC-1000 RSG-PFC-1000 Datasheet
272Kb / 6P
450W/650W/1000W Modular Power
More results

Similar Description - PFC

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PFC10 RIEDON-PFC10 Datasheet
235Kb / 3P
Thick Film Power SMD Resistors
logo
UNIOHM CORPORATION
0402 UNIOHM-0402 Datasheet
5Mb / 4P
SMD Thick Film Chip Resistors
logo
List of Unclassifed Man...
FCR10 ETC2-FCR10 Datasheet
778Kb / 2P
Thick Film Power Resistors
PFC10-2RF1 ETC2-PFC10-2RF1 Datasheet
448Kb / 3P
PFC Series Thick Film Power SMD Resistors
logo
Riedon Powertron
PFC10-62RF1 RIEDON-PFC10-62RF1 Datasheet
291Kb / 3P
Thick Film Power SMD Resistors
PFC10-5RF1 RIEDON-PFC10-5RF1 Datasheet
291Kb / 3P
Thick Film Power SMD Resistors
PFC10-20RF1 RIEDON-PFC10-20RF1 Datasheet
291Kb / 3P
Thick Film Power SMD Resistors
PFC10-50RF1 RIEDON-PFC10-50RF1 Datasheet
291Kb / 3P
Thick Film Power SMD Resistors
PFC10-100RF1 RIEDON-PFC10-100RF1 Datasheet
291Kb / 3P
Thick Film Power SMD Resistors
logo
TE Connectivity Ltd
1773308 TEC-1773308 Datasheet
563Kb / 2P
Thick Film Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com