Electronic Components Datasheet Search
  English  ▼

X  

PFC Datasheet(PDF) 3 Page - Riedon Powertron

Part # PFC
Description  Thick Film Power SMD Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PFC Datasheet(HTML) 3 Page - Riedon Powertron

  PFC Datasheet HTML 1Page - Riedon Powertron PFC Datasheet HTML 2Page - Riedon Powertron PFC Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
5/16
Derating
Power Rating Notes -
The PFC Series Resistors must be attached to a suitable heat-
sink. The maximum internal resistor temperature is 155°C.
To specify an appropriate heatsink use the following formula :
Where:
R
θ
H = Thermal Resistance of Heatsink ( K/W )
R
θ
R = Thermal Resistance of Resistor ( K/W )
T
MAX = Maximum Temperature of Resistor
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
Heatsink Temperature (°C)
MOUNTING
Copper insert improves thermal conductivity to heatsink. Power ratings
of 35W can be achieved through active cooling of the heatsink. For
more general information on heatsinking please see our training mod-
ule on heatsinking by clicking here.
PFC Series
Thick Film Power SMD Resistors
Copper Insert
Via-Holes
Plastic Tape Specifications
Standard Package contains 500 pcs/reel, diameter 254mm reel in paper box.
Digikey Package contains 500 pcs/reel, diameter 254mm reel in paper box.
Power Derating Curve
°C
°C
( *
)
R
P
T
P
R
T
H
MAX
R
A
=
-
-
H
H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com