Electronic Components Datasheet Search
  English  ▼

X  

PI2061 Datasheet(PDF) 10 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PI2061 Datasheet HTML 6Page - Vicor Corporation PI2061 Datasheet HTML 7Page - Vicor Corporation PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation PI2061 Datasheet HTML 10Page - Vicor Corporation PI2061 Datasheet HTML 11Page - Vicor Corporation PI2061 Datasheet HTML 12Page - Vicor Corporation PI2061 Datasheet HTML 13Page - Vicor Corporation PI2061 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 10 of 16
Schottky Diodes Selection: D1 and D2
Diode D1 (See Figure 1 & Figure 14.) must be a low reverse
leakage Schottky diode capable of supporting 4A of peak
gate discharge current for 10ns. Diode D2 must be a low
reverse leakage Schottky diode capable of supporting 1A
peak. Both diodes will have a reverse voltage of 13V
during normal operation.
Recommended diode for D1 and D2: PMEG4005EJ from
NXP
Sense Resistor Selection: Rs
In typical load switch application the sense resistor is
based on minimum trip current to allow maximum normal
load current without interruption. Calculate Rs value at
minimum Low Range Overcurrent Threshold voltage
(VOC-THL):
Where:
: Minimum Low Range Overcurrent
Threshold voltage, 63mV
:
Required minimum trip current
Enable Input Circuit: EN
EN pin can be tied directly to VC OR LEFT FLOATING if
PI2061 should be enabled when the power is applied. If
the user wants to control the device enable function, then
EN pin can be pulled low with a resistor and signal FET,
signal transistor or open collector logic as shown in Figure
12.
Note that the enable control signal phase must be
inverted.
Use an enable resistor (REN) value between 300k
and
400k
with voltage rating that meets maximum input
voltage.
Figure 12: Enable circuit
Fault Indication: FT
FT is an open collector output and its return is referenced
to SGND. When the SGND pin is floating on a bias resistor
(RPG) or in a constant current circuit, a level shift circuit can
be added to create an output referenced to the system
ground. See Figure 13.
Figure 13: FT level shift circuit
Alternative Bias Circuit: Constant current circuit for high
voltage application.
In a wide operating input voltage range the size of RVC and
RPG may be become large to support power dissipation. A
simple constant current circuit, shown in Figure 14 can be
used instead of RVC and RPG to allow the circuit to operate
between 18V and 80V (100V/100ms transient) with low
power dissipation components.
Please refer to Picor
application notes for more details on how to design a
floating bias with the constant current circuit.
Figure 14: Constant current bias circuit
Vin
PGND
SN
GATE
SGND
PI2061
6
1
7
2
SP
4
EN
5
RTN
VC
3
RPG
RS
VC
Vout
D2
RVC
REN
EN
QEN
D1
100k
100k
100k
FT
Q2
Vin
PGND
SN
GATE
SGND
PI2061
1
7
2
4
EN
5
RTN
VC
3
RPG
RS
VC
Vout
RVC
FT
VC
Q1
6
SP
15k
D2
D1
Vin
PGND
SN
GATE
SGND
PI2061
6
1
7
2
SP
4
EN
5
VC
3
RS
Vout
D1
6.8V
50k
1k
Q1
2.6k
50k
Q2
6.8V
RTN
1µF
FJV1845
FJV1845
2k
IRF7853PbF
M1
10m
CVC
D2
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com