Electronic Components Datasheet Search
  English  ▼

X  

PI2061 Datasheet(PDF) 12 Page - Vicor Corporation

Part # PI2061
Description  High Side High Voltage Load Disconnect Switch Controller IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2061 Datasheet(HTML) 12 Page - Vicor Corporation

Back Button PI2061 Datasheet HTML 8Page - Vicor Corporation PI2061 Datasheet HTML 9Page - Vicor Corporation PI2061 Datasheet HTML 10Page - Vicor Corporation PI2061 Datasheet HTML 11Page - Vicor Corporation PI2061 Datasheet HTML 12Page - Vicor Corporation PI2061 Datasheet HTML 13Page - Vicor Corporation PI2061 Datasheet HTML 14Page - Vicor Corporation PI2061 Datasheet HTML 15Page - Vicor Corporation PI2061 Datasheet HTML 16Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Picor Corporation • picorpower.com
PI2061
Rev 1.4
Page 12 of 16
Typical Application Example 1:
12V Load Switch
Requirement:
Input Bus Voltage = 12V (±10% , 10.8V to 13.2V)
Maximum Load Current = 10A
Minimum Trip current = 12A
Maximum Ambient Temperature = 75°C
Solution:
PI2061 with a suitable external MOSFET should be used,
configured as shown in the circuit schematic in .
Select a suitable N-Channel MOSFET:
Most industry
standard MOSFETs have a VGS rating of +/-12V or higher.
Select an N-Channel MOSFET with a low RDS(on) which is
capable of supporting the full load current with some
margin, so a MOSFET capable of at least 18A in steady
state is reasonable. An exemplary MOSFET having these
characteristic is the Si4630DY from Siliconix.
From Si4630DY datasheet:
N-Channel MOSFET
VDS= 25V
ID = 32A continuous drain current
ID(Pulse) = 70A Pulsed drain current
VGS(MAX)=±16V
RθJA= 80°C/W under Steady State condition
RDS(on)=2.2m
typical and 2.7m
maximum at
ID=20A, VGS=10V, TJ=25°C
Select Sense Resistor:
Rs power dissipation at maximum operating current
Maximum trip current
Power dissipation:
RDS(on) is 2.7m
maximum at 25°C & 10 VGS and will
increase as the temperature increases.
Add 40°C to
maximum ambient temperature to compensate for the
temperature rise due to power dissipation. At 115°C (75°C
+ 40°C) RDS(on) will increase by 37%.
maximum at 115°C
Maximum Junction temperature
VC Bias: Vin maximum input is 13.2V, this is higher than
the 11V VC minimum Clamp Voltage (VVC-SGND) minimum,
but the minimum input voltage is greater than VVC-SGND
minimum.
Use 300
resistor for each RVC and RPG to
minimize regulator clamp current.
Power dissipation of RVC and RPG:
Both resistors have very low power dissipation, less than
50mW. Any package size resistor, 0201 (0603 metric) or
larger, can be used.
EN:
Tie EN pin to VC since Enable function is always on.
FT:
Fault function is not required, leave fault pin unconnected.
Figure 15: PI2061 in 12V Bus high side load switch
application.
Vin
PGND
SN
GATE
SGND
PI2061
6
1
7
2
0.1µF
SP
4
EN
5
RTN
VC
3
300
5m
VC
Vout
300
Si4630DY
RS
M1
D1
D2
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com