Electronic Components Datasheet Search
  English  ▼

X  

MDH5 Datasheet(PDF) 2 Page - MMD Components

Part # MDH5
Description  Plastic 4 J-Lead Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MDH5 Datasheet(HTML) 2 Page - MMD Components

  MDH5 Datasheet HTML 1Page - MMD Components MDH5 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
07/21/11 J
Subject to change without notice
Pg 2 of 2
Revision:
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
PITCH
PITCH
12.00 [.471]
TAPE WIDTH
24.00 [.945]
DIRECTION OF FEED
330 [13.0]
REEL DIA
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
PIN 1 ORIENT.
Q1
Tape Width
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
14.00 [.551]
MAX
9.80 [.386]
MAX
4.70 [.185]
MAX
.25 [.010]
5.08 [.200]
.51 [.020]
7.62 [.300]
34
1
2
3.81 [.150]
5.80 [.228]
3.00 [.118]
1.27 [.050]
PIN 2 CASE GROUND
OUTPUT
SUPPLY VOLTAGE
PIN 4
PIN 3
PIN CONNECTIONS
PIN 1 TRI-STATE
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
SUGGESTED
LAND PATTERN
PIN 1 INDICATOR
015 = ±15 ppm
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Frequency
Stability
Supply Voltage
5 = +5.0 VDC
3 = +3.3 VDC
RoHS Compliant
Blank = Not Compliant
F = Is RoHS Compliant
Blank = No Added Options
T
= Tape & Reel
Value Added Options
Pin 1 Connection
Blank = No Connect
H = Tri-state
Blank = 40/60%
A = 45/55%
Symmetry
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Operating Temperature
FREQUENCY
PLEASE CONSULT WITH MMD SALES DEPARTMENT FOR ANY OTHER PARAMETERS OR OPTIONS
MD
Plastic SMD J-Lead
Output
H = HCMOS
T = TTL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com